Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6121 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-6121
Description  MIL-STD-1553 Remote Terminal ICs
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6121 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-6121 Datasheet HTML 1Page - Holt Integrated Circuits HI-6121 Datasheet HTML 2Page - Holt Integrated Circuits HI-6121 Datasheet HTML 3Page - Holt Integrated Circuits HI-6121 Datasheet HTML 4Page - Holt Integrated Circuits HI-6121 Datasheet HTML 5Page - Holt Integrated Circuits HI-6121 Datasheet HTML 6Page - Holt Integrated Circuits HI-6121 Datasheet HTML 7Page - Holt Integrated Circuits HI-6121 Datasheet HTML 8Page - Holt Integrated Circuits HI-6121 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 158 page
background image
HOLT INTEGRATED CIRCUITS
www.holtic.com
1
June, 2012
HI-6120 Parallel Bus Interface and
HI-6121 Serial Peripheral Interface (SPI)
MIL-STD-1553 Remote Terminal ICs
DS6120 Rev. C
06/12
FEATURES
• Fully integrated 3.3V Remote Terminal meets all
requirements for MIL-STD-1553B Notice 2
• Four data buffer modes for subaddress transmit
and receive commands. Data buffer modes are
independently selectable for transmit and receive
commands on each subaddress
• Simplifiedmodecodecommandhandling
• Integral 16-bit Time-Tag counter has programma-
ble options for clock, interrupts and auto-synchro-
nization
• Message information and time-tag words are
stored with message data words for all transacted
messages
• In compliance with MIL-STD-1553B Notice 2, re-
ceived data from broadcast messages may be
optionally separated from non-broadcast received
data
• Optional interrupt log buffer stores the most recent
16 interrupts to minimize host service duties
• Optional illegal command detection uses internal
table
• Optional automatic self-initialization at reset
• ±8kV ESD Protection (HBM, all pins)
• MIL-STD-1760 compliant
PIN CONFIGURATION (TOP)
GENERAL DESCRIPTION
The HI-6120 and HI-6121 provide a complete, integrated,
3.3V MIL-STD-1553 Remote Terminal in a monolithic sili-
con gate CMOS device. Two host interface options are
offered: The HI-6120 uses a 16-bit parallel host bus inter-
face for access to registers and RAM and is offered in a
100-pinplasticquadflatpack(PQFP).TheHI-6121has
a 4-wire SPI (Serial Peripheral Interface) host connection
andcomesinareducedpincount52-pinPQFPor9mm
x9mm64-pinQFN.Bothdeviceshandleallaspectsof
the MIL-STD-1553 protocol, including message encod-
ing, decoding, error detection, illegal command detection
anddatabuffering.Hostdatamanagementissimplified
by storing message information and data within the on-
chip 32K x 16 static RAM.
A descriptor table in shared RAM provides fully program-
mable memory management. Multiple descriptor tables
can be implemented for fast context switching. Trans-
mit and receive commands can use any of four differ-
ent data buffer modes: indexed (single) buffering, ping-
pong (double) buffering or two circular buffer schemes.
Transmit and receive commands for each subaddress
may use different buffer modes. Mode code commands
employ a simple scheme for storing mode data and mes-
sage information with programmable interrupts.
The device provides internal illegalization capability,
allowing any subset of subaddress, command T/R bit,
broadcast vs non-broadcast and word count (or mode
code)tobeillegalized,resultinginatotalof4,096pos-
sible combinations. The illegalization table resides in in-
ternal RAM. The RT can also operate without illegal com-
mand detection, providing “in form” responses to all valid
commands. Broadcast command recognition is optional.
The HI-6120 and HI-6121 provide programmable inter-
rupts for automatic message handling, message status
and general status. A host interrupt history log maintains
information about the last 16 interrupts.
TheHI-6120andHI-6121canbeconfiguredforautomat-
ic self-initialization. A dedicated SPI port reads data from
externalserialEEPROMmemorytofullyconfigurethe
descriptor table, illegalization table and host interrupts.
Internal dual-redundant transceivers provide direct
connection to bus isolation transformers. The device
is offered with industrial temperature range as well as
extended temperature range with optional burn-in. A
“RoHS compliant” lead-free option is also offered.
HI-6121 in
PQFP-52 Package
39 - TEST
38 -LOCK
37 -MTSTOFF
36 - BUSA
35 - VCCP
34 -
33 -
32 - VCCP
31 -
30 -
29 -
28 -
27 - TEST3
BUSA
BUSB
BUSB
TEST0
TEST1
TEST2
COMP -1
-2
MODE- 3
SI -4
SCK -5
SO -6
MCLK -7
RTA0 -8
RTA1 -9
RTA2 -10
-11
RTA3 -12
RTA4 -13
CE
MR
HI-6121PQx


Similar Part No. - HI-6121

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6121PCI HOLTIC-HI-6121PCI Datasheet
492Kb / 116P
   MIL-STD-1553 Remote Terminal ICs
HI-6121PCI HOLTIC-HI-6121PCI Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6121PCIF HOLTIC-HI-6121PCIF Datasheet
492Kb / 116P
   MIL-STD-1553 Remote Terminal ICs
HI-6121PCIF HOLTIC-HI-6121PCIF Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6121PCM HOLTIC-HI-6121PCM Datasheet
492Kb / 116P
   MIL-STD-1553 Remote Terminal ICs
More results

Similar Description - HI-6121

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6120 HOLTIC-HI-6120_15 Datasheet
3Mb / 162P
   MIL-STD-1553 Remote Terminal ICs
HI-6120PQI HOLTIC-HI-6120PQI Datasheet
492Kb / 116P
   MIL-STD-1553 Remote Terminal ICs
HI-6120 HOLTIC-HI-6120_10 Datasheet
3Mb / 157P
   MIL-STD-1553 Remote Terminal ICs
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Aeroflex Circuit Techno...
CT2578 AEROFLEX-CT2578 Datasheet
297Kb / 7P
   CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com