Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT30-07P6FILM Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAT30-07P6FILM
Description  Small signal Schottky diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30-07P6FILM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BAT30-07P6FILM Datasheet HTML 2Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 3Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 4Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 5Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 6Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 7Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 8Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 9Page - STMicroelectronics BAT30-07P6FILM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Ordering information scheme
BAT30
6/14
Doc ID 12564 Rev 3
2
Ordering information scheme
Figure 15.
Ordering information scheme
BAT30
xx
xx
FILM
Signal Schottky diodes
Package
Packing
VRRM = 30 V
Blank = Single diode
A = Common anode
C = Common cathode
S = Series diodes
07 = Parallel diodes
09 = Opposite diodes
Blank = SOT-23
J = SOD-323
K = SOD-523
P6 = SOT-666
L = SOD-923
W = SOT-323
Configuration
FILM = Tape and reel


Similar Part No. - BAT30-07P6FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT30-07P6FILM STMICROELECTRONICS-BAT30-07P6FILM Datasheet
157Kb / 12P
   Small signal Schotky diodes
More results

Similar Description - BAT30-07P6FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com