Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505F5478M00 Datasheet(PDF) 3 Page - EPCOS

Part # B41505F5478M00
Description  Aluminum electrolytic capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505F5478M00 Datasheet(HTML) 3 Page - EPCOS

  B41505F5478M00 Datasheet HTML 1Page - EPCOS B41505F5478M00 Datasheet HTML 2Page - EPCOS B41505F5478M00 Datasheet HTML 3Page - EPCOS B41505F5478M00 Datasheet HTML 4Page - EPCOS B41505F5478M00 Datasheet HTML 5Page - EPCOS B41505F5478M00 Datasheet HTML 6Page - EPCOS B41505F5478M00 Datasheet HTML 7Page - EPCOS B41505F5478M00 Datasheet HTML 8Page - EPCOS B41505F5478M00 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Specifications and characteristics in brief
Series
B41505
B43505
Rated voltage VR
10 ... 100 V DC
200 ... 450 V DC
Surge voltage VS
1.15
VR
1.15
VR (for VR
≤ 250 V DC)
1.10
VR (for VR
≥ 400 V DC)
Rated capacitance CR
560 ... 33000 µF
47 ... 1500 µF
Capacitance tolerance
±20%
M
±20%
M
Dissipation factor tan
δ V
R = 10 V DC: tan
δ ≤ 0.20
VR
≤ 400 V DC: tan δ ≤ 0.13
(20
°C, 100 Hz)
VR = 16 V DC: tan
δ ≤ 0.15
VR = 450 V DC: tan
δ ≤ 0.17
VR = 25 V DC: tan
δ ≤ 0.11
VR = 35 V DC: tan
δ ≤ 0.10
VR = 50 V DC: tan
δ ≤ 0.08
VR = 63 ... 100 V DC: tan
δ ≤ 0.06
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
Approx. 20 nH
Useful life
105
°C, V
R, IAC,R
> 5000 h
> 5000 h
85
°C, V
R, IAC,max
> 12000 h
> 11000 h
40
°C, V
R, 2.1
IAC,R
> 250000 h
> 250000 h
Requirements
∆C/C ≤ ±45% of initial value
∆C/C ≤ ±30% of initial value
tan
δ ≤ 3 times initial spec. limit
tan
δ ≤ 3 times initial spec. limit
Ileak
≤ initial specified limit
Ileak
≤ initial specified limit
Load life test
105
°C; V
R; IAC,R
4000 h
4000 h
Post test requirements
∆C/C ≤ ±20% of initial value
∆C/C ≤ ±20% of initial value
tan
δ ≤ 2 times initial spec. limit
tan
δ ≤ 2 times initial spec. limit
Ileak
≤ initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
105
°C; V
R
2000 h
2000 h
Post test requirements
∆C/C ≤ ±15% of initial value
∆C/C ≤ ±10% of initial value
tan
δ ≤ 1.3 times initial spec. limit tan δ ≤ 1.3 times initial spec. limit
Ileak
≤ initial specified limit
Ileak
≤ initial specified limit
Vibration resistance
test
To IEC 60068-2-6, test Fc:
Frequency range 10 Hz ... 55 Hz, displacement amplitude 0.35 mm,
acceleration max. 5 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
B41505, B43505
Excellent performance
105
°C
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41505F5478M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505F5478M000 EPCOS-B41505F5478M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
B41505F5478M000 EPCOS-B41505F5478M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
B41505F5478M002 EPCOS-B41505F5478M002 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
B41505F5478M002 EPCOS-B41505F5478M002 Datasheet
1Mb / 22P
   Aluminum electrolytic capacitors
B41505F5478M007 EPCOS-B41505F5478M007 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
More results

Similar Description - B41505F5478M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com