Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2903YFVMTR Datasheet(PDF) 3 Page - Rohm

Part # BA2903YFVMTR
Description  Automotive Ground Sense Comparators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903YFVMTR Datasheet(HTML) 3 Page - Rohm

  BA2903YFVMTR Datasheet HTML 1Page - Rohm BA2903YFVMTR Datasheet HTML 2Page - Rohm BA2903YFVMTR Datasheet HTML 3Page - Rohm BA2903YFVMTR Datasheet HTML 4Page - Rohm BA2903YFVMTR Datasheet HTML 5Page - Rohm BA2903YFVMTR Datasheet HTML 6Page - Rohm BA2903YFVMTR Datasheet HTML 7Page - Rohm BA2903YFVMTR Datasheet HTML 8Page - Rohm BA2903YFVMTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・15・001
3/29
11.Mar.2013 Rev.003
BA2903Yxxx-C, BA2901Yxx-C
Datasheet
●Ordering Information
B
A
2
9
0
x
Y
x
x
x
-
C
x
x
Part Number
BA2903Yxxx
BA2901Yxx
Package
F
: SOP8
SOP14
FV
: SSOP-B8
: SSOP-B14
FVM : MSOP8
Packaging and forming specification
C: Automotive (engine control unit,
electric
power
steering,
antilock
braking system, etc.)
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B8/
SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Operating
Supply
Voltage
Dual/Quad
Package
Orderable
Part Number
-40℃ to +125℃
+2.0V ~ +36V
Dual
SOP8
Reel of 2500
BA2903YF-CE2
SSOP-B8
Reel of 2500
BA2903YFV-CE2
MSOP8
Reel of 3000
BA2903YFVM-CTR
Quad
SOP14
Reel of 2500
BA2901YF-CE2
SSOP-B14
Reel of 2500
BA2901YFV-CE2
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
775
*1*6
mW
SSOP-B8
625
*2*6
MSOP8
600
*3*6
SOP14
560
*4*6
SSOP-B14
870
*5*6
Differential Input Voltage
*7
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to (VEE+36)
V
Input Current
*8
Ii
-10
mA
Operating Temperature Range
Topr
-40 to +125
Storage Temperature Range
Tstg
-55 to +150
Maximum junction Temperature
Tjmax
+150
Note : Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
*1 To use at temperature above Ta=25℃ reduce 6.2mW/℃.
*2 To use at temperature above Ta=25℃ reduce 5.5mW/℃.
*3 To use at temperature above Ta=25℃ reduce 4.8mW/℃.
*4 To use at temperature above Ta=25℃ reduce 4.9mW/℃.
*5 To use at temperature above Ta=25℃ reduce 7.0mW/℃.
*6 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*7 The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
*8 Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between
the input unless some limiting resistance is used.


Similar Part No. - BA2903YFVMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YFVM- ROHM-BA2903YFVM- Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YFVM-C ROHM-BA2903YFVM-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2903YFVM-C ROHM-BA2903YFVM-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YFVM-CTR ROHM-BA2903YFVM-CTR Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2903YFVM-CTR ROHM-BA2903YFVM-CTR Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Similar Description - BA2903YFVMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com