Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2901YFC Datasheet(PDF) 6 Page - Rohm

Part # BA2901YFC
Description  Automotive Ground Sense Comparators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901YFC Datasheet(HTML) 6 Page - Rohm

Back Button BA2901YFC Datasheet HTML 2Page - Rohm BA2901YFC Datasheet HTML 3Page - Rohm BA2901YFC Datasheet HTML 4Page - Rohm BA2901YFC Datasheet HTML 5Page - Rohm BA2901YFC Datasheet HTML 6Page - Rohm BA2901YFC Datasheet HTML 7Page - Rohm BA2901YFC Datasheet HTML 8Page - Rohm BA2901YFC Datasheet HTML 9Page - Rohm BA2901YFC Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・15・001
6/29
11.Mar.2013 Rev.003
BA2903Yxxx-C, BA2901Yxx-C
Datasheet
●Typical Performance Curves
○BA2903Yxxx-C
(*)The data above is measurement value of typical sample, it is not guaranteed.
Figure 3.
Supply Current – Supply Voltage
Figure 4.
Supply Current – Ambient
Temperature
Figure 5.
Maximum Output Voltage – Supply Voltage
(Isink=4mA)
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
0
10203040
SUPPLY VOLTAGE [V]
0
50
100
150
200
0
10
203040
SUPPLY VOLTAGE [V]
25℃
125℃
-40℃
36V
5V
2V
25℃
125℃
-40℃
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Figure 2.
Derating Curve
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
BA2903YFVM-C
BA2903YFV-C
BA2903YF-C


Similar Part No. - BA2901YFC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901YF-C ROHM-BA2901YF-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2901YF-C ROHM-BA2901YF-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-CE2 ROHM-BA2901YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2901YF-CE2 ROHM-BA2901YF-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-LB ROHM-BA2901YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
More results

Similar Description - BA2901YFC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com