Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2904FE2 Datasheet(PDF) 4 Page - Rohm

Part # BA2904FE2
Description  Automotive Ground Sense Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2904FE2 Datasheet(HTML) 4 Page - Rohm

  BA2904FE2 Datasheet HTML 1Page - Rohm BA2904FE2 Datasheet HTML 2Page - Rohm BA2904FE2 Datasheet HTML 3Page - Rohm BA2904FE2 Datasheet HTML 4Page - Rohm BA2904FE2 Datasheet HTML 5Page - Rohm BA2904FE2 Datasheet HTML 6Page - Rohm BA2904FE2 Datasheet HTML 7Page - Rohm BA2904FE2 Datasheet HTML 8Page - Rohm BA2904FE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
4/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
●Electrical Characteristics
○BA2904Yxxx-C (Unless otherwise specified VCC=+5V, VEE=0V)
*8 Absolute value
*9 Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.
Parameter
Symbol
Temperature
Range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*8
Vio
25℃
-
2
4
mV
OUT=1.4V
Full range
-
-
4
VCC=5 to 30V,OUT=1.4V
Input Offset Current
*8
Iio
25℃
-
2
50
nA
OUT=1.4V
Full range
-
-
50
Input Bias Current
*8
Ib
25℃
-
20
60
nA
OUT=1.4V
Full range
-
-
100
Supply Current
ICC
25℃
-
0.5
1.2
mA
RL=
∞,All Op-Amps
Full range
-
-
1.2
Maximum Output
Voltage (High)
VOH
25℃
3.5
-
-
V
RL=2k
Full range
3.2
-
-
27
28
-
VCC=30V,RL=10k
Maximum Output Voltage(Low)
VOL
Full range
-
5
20
mV
RL=
∞,All Op-Amps
Large Signal Voltage Gain
Av
25℃
25
100
-
V/mV
RL≧2k
Ω,VCC=15V
OUT=1.4 to 11.4V
Full range
25
-
-
Input Common-mode
Voltage range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5V,
OUT=VEE+1.4V
Full range
0
-
VCC-2.0
Common-mode Rejection
Ratio
CMRR
25℃
65
80
-
dB
OUT=1.4V
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30V
Output Source Current
*9
Isource
25℃
20
30
-
mA
VIN+=1V,VIN-=0V
OUT=0V
1CH is short circuit
Full range
10
-
-
Output Sink Current
*9
Isink
25℃
10
20
-
mA
VIN+=0V,VIN-=1V
OUT=5V
1CH is short circuit
Full range
2
-
-
25℃
12
40
-
μA
VIN+=0V,VIN-=1V
OUT=200mV
Slew Rate
SR
25℃
-
0.2
-
V/
μs VCC=15V, Av=0dB
RL=2k
Ω, CL=100pF
Gain bandwidth product
GBW
25℃
-
0.5
-
MHz
VCC=30V, RL=2k
CL=100pF
Channel Separation
CS
25℃
-
120
-
dB
f=1kHz, input referred


Similar Part No. - BA2904FE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904F ROHM-BA2904F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904F ROHM-BA2904F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904F ROHM-BA2904F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F ROHM-BA2904F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA2904FE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com