Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2904FE2 Datasheet(PDF) 1 Page - Rohm

Part # BA2904FE2
Description  Automotive Ground Sense Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2904FE2 Datasheet(HTML) 1 Page - Rohm

  BA2904FE2 Datasheet HTML 1Page - Rohm BA2904FE2 Datasheet HTML 2Page - Rohm BA2904FE2 Datasheet HTML 3Page - Rohm BA2904FE2 Datasheet HTML 4Page - Rohm BA2904FE2 Datasheet HTML 5Page - Rohm BA2904FE2 Datasheet HTML 6Page - Rohm BA2904FE2 Datasheet HTML 7Page - Rohm BA2904FE2 Datasheet HTML 8Page - Rohm BA2904FE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・14・001
1/27
21.Jan.2013 Rev.002
BA2904YF-C
BA2904YFV-C
BA2904YFVM-C
BA2902YF-C
BA2902YFV-C
Operational Amplifier Series
Automotive Ground Sense
Operational Amplifiers
BA2904Yxxx-C, BA2902Yxx-C
●General Description
BA2904Yxxx-C,BA2902Yxx-C integrate two or four
independent Op-Amps and ground sense input
Amplifier on a single chip. These Op-Amps have some
features of high-gain, low power consumption, and can
operate from +3V to +36V (single power supply ).
BA2904Yxxx-C, BA2902Yxx-C are manufactured for
automotive requirements of engine control unit, electric
power steering, and so on.
●Features
 AEC-Q100 Qualified
 Single or dual power supply operation
 Wide operating supply voltage
 Standard Op-Amp Pin-assignments
 Common-mode Input Voltage Range includes ground
level, allowing direct ground sensing
 Low supply current
 High open loop voltage gain
 Internal ESD protection circuit
 Wide temperature range
●Key Specifications
 Wide operating supply voltage
Single supply :
+3.0V to +36V
Dual supply :
±1.5V to ±18V
 Low supply current
BA2904Yxxx-C
0.5mA(Typ.)
BA2902Yxx-C
0.7mA(Typ.)
 Input bias current :
20nA(Typ.)
 Input offset current :
2nA(Typ.)
 Operating temperature range :
-40℃ to +125℃
●Packages
W(Typ.) x D(Typ.) x (Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
●Application
 Engine Control Unit
 Electric Power Steering (EPS)
 Anti-Lock Braking System (ABS)
 Automotive electronics
●Selection Guide
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Automotive
Quad
Dual
30mA / 20mA
30mA / 20mA
0.5mA
0.7mA
Output current
Source/Sink
+125°C
Maximum operating temperature
supply current


Similar Part No. - BA2904FE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904F ROHM-BA2904F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904F ROHM-BA2904F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904F ROHM-BA2904F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F ROHM-BA2904F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA2904FE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com