Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N3432-6202RB Datasheet(PDF) 1 Page - 3M Electronics

Part # N3432-6202RB
Description  3M??Pak 100 4-Wall Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N3432-6202RB Datasheet(HTML) 1 Page - 3M Electronics

  N3432-6202RB Datasheet HTML 1Page - 3M Electronics N3432-6202RB Datasheet HTML 2Page - 3M Electronics N3432-6202RB Datasheet HTML 3Page - 3M Electronics N3432-6202RB Datasheet HTML 4Page - 3M Electronics N3432-6202RB Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPak 100 4-Wall Header
.100
″ × .100″ Latch/Ejector, Straight and Right Angle
3000 Series
Physical
Electrical
Environmental
*RoHS = Directive 2002/95/EC,
Restriction on the Use of Certain Hazardous Substances in Electrical and Electronic Equipment.
Insulator
Material: Glass Filled Polyester (PCT)
Flammability:
UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 100
µ″ [ 2.54 µm ] Nickel - Overall
Wiping Area: 30
µ″ [ 0.76 µm ] Gold
Solder Tails: 200
µ″ [ 5.08 µm ] Matte Tin
Terminal Finish Indicator: e3 (per JESD97)
Marking:
3M Logo, Part Identification Number and Orientation Triangle
Current Rating:
1 A
Insulation Resistance: >1
× 109 Ω at 500 Vdc
Withstanding Voltage:
1000 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
Process Rating: Maximum 260
°C, single pass, (profile per J-STD-020C)
Moisture Sensitivity Level:
1 (per J-STD-020C)
TS-0772-04
Sheet 1 of 4
• Military (with 3M's 3518 polarizing key) and
centerbump polarization
• Standard ejector latches
• Mounting holes for securing header to board
• RoHS* compliant
• Optional polarizing posts
• High temperature insulator suitable for “no
lead” soldering operations
• Suitable for reflow soldering using “paste in
hole” techniques
Date Modified: January 7, 2005
UL File No.: E68080


Similar Part No. - N3432-6202RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N3432-6203RB 3M-N3432-6203RB Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
More results

Similar Description - N3432-6202RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
   3M??Three-Wall Condo Header .100 횞 .100 Right Angle
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com