Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3472YFVTR Datasheet(PDF) 3 Page - Rohm

Part # BA3472YFVTR
Description  Automotive High Speed Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472YFVTR Datasheet(HTML) 3 Page - Rohm

  BA3472YFVTR Datasheet HTML 1Page - Rohm BA3472YFVTR Datasheet HTML 2Page - Rohm BA3472YFVTR Datasheet HTML 3Page - Rohm BA3472YFVTR Datasheet HTML 4Page - Rohm BA3472YFVTR Datasheet HTML 5Page - Rohm BA3472YFVTR Datasheet HTML 6Page - Rohm BA3472YFVTR Datasheet HTML 7Page - Rohm BA3472YFVTR Datasheet HTML 8Page - Rohm BA3472YFVTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
●Ordering Information
B
A
3
4
7
x
x
x
x
x
-
C
xx
Part Number
BA3472Y
BA3472W
BA3474Y
BA3474W
Package
F
: SOP8
FV
: SSOP-B8
SSOP-B14
FVM : MSOP8
C: Automotive(Engine control unit、EPS、
ABS, and so on)
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SSOP-B8/SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Package
Orderable
Part Number
-40°C to +125°C
SOP8
Reel of 2500
BA3472YF-CE2
SSOP-B8
Reel of 2500
BA3472YFV-CE2
MSOP8
Reel of 3000
BA3472YFVM-CTR
SSOP-B8
Reel of 2500
BA3472WFV-CE2
SSOP-B14
Reel of 2500
BA3474YFV-CE2
SSOP-B14
Reel of 2500
BA3474WFV-CE2
●Absolute Maximum Ratings (Ta=25℃)
○BA3472Y, BA3472W, BA3474Y, BA3474W
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
1075
*1*5
mW
SSOP-B8
835
*1*3
MSOP8
750
*3*5
SSOP-B14
1350
*2*3
Differential Input Voltage
*6
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to VEE+36
V
Operating Supply Voltage
Vopr
+3.0Vto+36.0V
(±1.5Vto±18.0V)
V
Operating Temperature
Topr
-40 to +125
Storage Temperature
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
+150
Note Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 8.6mW/℃.
*2
To use at temperature above Ta=25℃ reduce 6.7mW/℃.
*3
To use at temperature above Ta=25℃ reduce 6.0mW/℃.
*4
To use at temperature above Ta=25℃ reduce 10.8mW/℃.
*5
Mounted on a FR4 glass epoxy 4 layers PCB 70mm×70mm×1.6mm (occupied copper area: 70mm×70mm).
*6
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.


Similar Part No. - BA3472YFVTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFVM-C ROHM-BA3472YFVM-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results

Similar Description - BA3472YFVTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com