Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4580YFM Datasheet(PDF) 3 Page - Rohm

Part # BA4580YFM
Description  Automotive Low Noise Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580YFM Datasheet(HTML) 3 Page - Rohm

  BA4580YFM Datasheet HTML 1Page - Rohm BA4580YFM Datasheet HTML 2Page - Rohm BA4580YFM Datasheet HTML 3Page - Rohm BA4580YFM Datasheet HTML 4Page - Rohm BA4580YFM Datasheet HTML 5Page - Rohm BA4580YFM Datasheet HTML 6Page - Rohm BA4580YFM Datasheet HTML 7Page - Rohm BA4580YFM Datasheet HTML 8Page - Rohm BA4580YFM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200500-1-2
©2013 ROHM Co., Ltd. All rights reserved.
3/27
25.Mar.2013 Rev.002
TSZ22111・15・001
BA4580Yxxx-M, BA4584YFV-M
●Line-up
Topr
Supply voltage
Number of
channels
Package
Orderable Parts Number
-40°C to +105°C
±2.0V to ±16V
Dual
SOP8
Reel of 2500
BA4580YF-ME2
MSOP8
Reel of 3000
BA4580YFVM-MTR
Quad
SSOP-B14
Reel of 2500
BA4584YFV-ME2
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA4580Y
BA4584Y
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SOP8
780
*1*4
-
mW
MSOP8
590
*2*4
-
SSOP-B14
-
1350
*3*4
Differential Input Voltage
*5
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to (VEE+36)
V
Input Current
*6
Ii
-10
mA
Operating Supply Voltage
Vopr
+4 to +32
(±2 to ±16)
V
Output current
Iout
±50
mA
Operating Temperature Range
Topr
-40 to +105
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature
environment may cause deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 6.2mW/℃.
*2
To use at temperature above Ta=25℃ reduce 4.8mW/℃.
*3
To use at temperature above Ta=25℃ reduce 10.8mW/℃.
*4
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*5
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
*6
Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between
the input unless some limiting resistance is used.


Similar Part No. - BA4580YFM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4580YFM ROHM-BA4580YFM Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA4580YFM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4558YF-M ROHM-BA4558YF-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4560YF-M ROHM-BA4560YF-M Datasheet
491Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com