Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA14741FJ-E2 Datasheet(PDF) 2 Page - Rohm

Part # BA14741FJ-E2
Description  Low Noise Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA14741FJ-E2 Datasheet(HTML) 2 Page - Rohm

  BA14741FJ-E2 Datasheet HTML 1Page - Rohm BA14741FJ-E2 Datasheet HTML 2Page - Rohm BA14741FJ-E2 Datasheet HTML 3Page - Rohm BA14741FJ-E2 Datasheet HTML 4Page - Rohm BA14741FJ-E2 Datasheet HTML 5Page - Rohm BA14741FJ-E2 Datasheet HTML 6Page - Rohm BA14741FJ-E2 Datasheet HTML 7Page - Rohm BA14741FJ-E2 Datasheet HTML 8Page - Rohm BA14741FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2/18
9.NOV.2012 Rev.001
TSZ22111・15・00
BA14741xx
●Pin Configuration(TOP VIEW)
SOP14, SOP-J14
●Ordering Information
B
A
1
4
7
4
1
x
x
-
E2
Part Number
BA14741
Package
F
:SOP14
FJ :SOP-J14
Packaging and forming specification
E2: Embossed tape and reel
(SOP14/ SOP-J14)
●Line-up
Topr
Operating
Supply Voltage
(split supply)
Supply
Current
(Typ.)
Slew Rate
(Typ.)
Package
Orderable
Part Number
-40°C~+85°C
±2.0V~±18.0V
3mA
1V/µs
SOP14
Reel of 2500
BA14741F-E2
SOP-J14
Reel of 2500
BA14741FJ-E2
Pin No.
Symbol
1
OUT1
2
-IN1
3
+IN1
4
VCC
5
+IN2
6
-IN2
7
OUT2
8
OUT3
9
-IN3
10
+IN3
11
VEE
12
+IN4
13
-IN4
14
OUT4
Package
BA14741F
SOP14
BA14741FJ
SOP-J14
78
69
510
411
312
213
114
CH4
+ -
CH1
- +
OUT1
-IN1
+IN1
VCC
OUT3
+IN3
-IN3
VEE
CH2
- +
+ -
CH3
OUT4
-IN4
+IN4
OUT2
+IN2
-IN2


Similar Part No. - BA14741FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA14741F ROHM-BA14741F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
50Kb / 4P
   Quad operational amplifier
BA14741F ROHM-BA14741F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

Similar Description - BA14741FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com