Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4601 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4601
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601 Datasheet(HTML) 3 Page - Texas Instruments

  THS4601 Datasheet HTML 1Page - Texas Instruments THS4601 Datasheet HTML 2Page - Texas Instruments THS4601 Datasheet HTML 3Page - Texas Instruments THS4601 Datasheet HTML 4Page - Texas Instruments THS4601 Datasheet HTML 5Page - Texas Instruments THS4601 Datasheet HTML 6Page - Texas Instruments THS4601 Datasheet HTML 7Page - Texas Instruments THS4601 Datasheet HTML 8Page - Texas Instruments THS4601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA656
3
SBOS196G
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V
RF = 250Ω, RL = 100Ω, and G = +2, unless otherwise noted. Figure 1 for AC performance.
OPA656U, N (Standard-Grade)
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
AC PERFORMANCE (Figure 1)
Small-Signal Bandwidth
G = +1, VO = 200mVPP, RF = 0Ω
500
MHz
Typ
C
G = +2, VO = 200mVPP
200
MHz
Typ
C
G = +5, VO = 200mVPP
59
MHz
Typ
C
G = +10, VO = 200mVPP
23
MHz
Typ
C
Gain-Bandwidth Product
G > +10
230
MHz
Typ
C
Bandwidth for 0.1dB flatness
G = +2, VO = 200mVPP
30
MHz
Typ
C
Peaking at a Gain of +1
VO < 200mVPP, RF = 0Ω
1.5
dB
Typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
75
MHz
Typ
C
Slew Rate
G = +2, 1V Step
290
V/
µs
Typ
C
Rise-and-Fall Time
0.2V Step
1.5
ns
Typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
21
ns
Typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
2nd-Harmonic
RL = 200Ω
–71
dBc
Typ
C
RL > 500Ω
–74
dBc
Typ
C
3rd-Harmonic
RL = 200Ω
–81
dBc
Typ
C
RL > 500Ω
–100
dBc
Typ
C
Input Voltage Noise
f > 100kHz
7
nV/
√Hz
Typ
C
Input Current Noise
f > 100kHz
1.3
fA/
√Hz
Typ
C
Differential Gain
G = +2, PAL, RL = 150Ω
0.02
%
Typ
C
Differential Phase
G = +2, PAL, RL = 150Ω
0.05
°
Typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain (AOL)VO = 0V, RL = 100Ω
65
60
59
58
dB
Min
A
Input Offset Voltage
VCM = 0V
±0.25
±1.8
±2.2
±2.6
mV
Max
A
Average Offset Voltage Drift
VCM = 0V
±2
±12
±12
±12
µV/°CMax
A
Input Bias Current
VCM = 0V
±2
±20
±1800
±5000
pA
Max
A
Input Offset Current
VCM = 0V
±1
±10
±900
±2500
pA
Max
B
INPUT
Most Positive Input Voltage(5)
+2.75
+2.1
+2.05
+2.0
V
Min
A
Most Negative Input Voltage(5)
–4.5
–4.0
–3.9
–3.8
V
Min
A
Most Positive Input Voltage(6)
+3.25
+2.6
+2.5
+2.4
V
Min
A
Most Negative Input Voltage(6)
–4.5
–4.0
–3.9
–3.8
V
Min
A
Common-Mode Rejection Ratio (CMRR)
VCM = ±0.5V
86
80
78
76
dB
Min
A
Input Impedance
Differential
1012 || 0.7
Ω || pF
Typ
C
Common-Mode
1012 || 2.8
Ω || pF
Typ
C
OUTPUT
Voltage Output Swing
No Load
±3.9
±3.7
V
Typ
RL = 100Ω±3.5
±3.3
±3.2
±3.1
V
Min
A
Current Output, Sourcing
+70
50
48
46
mA
Min
A
Current Output, Sinking
–70
–50
–48
–46
mA
Min
A
Closed-Loop Output Impedance
G = +1, f = 0.1MHz
0.01
Typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
Typ
C
Maximum Operating Voltage Range
±6
±6
±6V
Max
A
Maximum Quiescent Current
14
16
16.2
16.3
mA
Max
A
Minimum Quiescent Current
14
11.7
11.4
11.1
mA
Min
A
Power-Supply Rejection Ratio (+PSRR)
+VS = 4.50V to 5.50V
76
72
70
68
dB
Min
A
(–PSRR)
–VS = 4.50V to –5.50V
62
56
54
52
dB
Min
A
TEMPERATURE RANGE
Specified Operating Range: U,N Package
–40 to 85
°C
Typ
Thermal Resistance,
θ
JA
Junction-to-Ambient
U: SO-8
125
°C/W
Typ
N: SOT23-5
150
°C/W
Typ
NOTES: (1) Junction temperature = ambient for 25
°C min/max specifications.
(2) Junction temperature = ambient at low temperature limit: junction temperature = ambient +20
°C at high temperature limit for over temperature min/max
specifications.
(3) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.
(4) Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum specified CMRR at
±CMIR limits.
(6) Input range to give > 53dB CMRR.


Similar Part No. - THS4601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601 TI1-THS4601 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
THS4601 TI1-THS4601 Datasheet
986Kb / 31P
[Old version datasheet]   180MHZ HIFH SPEED AMPLIFIERS
THS4601CD TI-THS4601CD Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601CD TI1-THS4601CD Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com