Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4580YF-ME2 Datasheet(PDF) 7 Page - Rohm

Part # BA4580YF-ME2
Description  Automotive Low Noise Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580YF-ME2 Datasheet(HTML) 7 Page - Rohm

Back Button BA4580YF-ME2 Datasheet HTML 3Page - Rohm BA4580YF-ME2 Datasheet HTML 4Page - Rohm BA4580YF-ME2 Datasheet HTML 5Page - Rohm BA4580YF-ME2 Datasheet HTML 6Page - Rohm BA4580YF-ME2 Datasheet HTML 7Page - Rohm BA4580YF-ME2 Datasheet HTML 8Page - Rohm BA4580YF-ME2 Datasheet HTML 9Page - Rohm BA4580YF-ME2 Datasheet HTML 10Page - Rohm BA4580YF-ME2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200500-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/27
25.Mar.2013 Rev.002
TSZ22111・15・001
BA4580Yxxx-M, BA4584YFV-M
●Typical Performance Curves
○ BA4580Yxxx-M
(*) The above data is measurement value of typical sample, it is not guaranteed.
Figure 5.
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15V/-15V,Ta=25℃)
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [k
Ω]
Figure 4.
Supply Current - Ambient Temperature
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
±2 V
±15V
±7.5 V
Figure 2.
Derating Curve
0
200
400
600
800
1000
025
50
75
100
125
AMBI ENT TEMPERATURE [℃]
.
BA4580YF-M
BA4580YFVM-M
Figure 3.
Supply Current - Supply Voltage
105
0
2
4
6
8
10
±0
±5
±10
±15
±20
SUPPLY VOLTAGE [V]
25℃
105℃
-40℃


Similar Part No. - BA4580YF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4580YF-ME2 ROHM-BA4580YF-ME2 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA4580YF-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4558YF-M ROHM-BA4558YF-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4560YF-M ROHM-BA4560YF-M Datasheet
491Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com