Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7561SFE2 Datasheet(PDF) 3 Page - Rohm

Part # BD7561SFE2
Description  High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7561SFE2 Datasheet(HTML) 3 Page - Rohm

  BD7561SFE2 Datasheet HTML 1Page - Rohm BD7561SFE2 Datasheet HTML 2Page - Rohm BD7561SFE2 Datasheet HTML 3Page - Rohm BD7561SFE2 Datasheet HTML 4Page - Rohm BD7561SFE2 Datasheet HTML 5Page - Rohm BD7561SFE2 Datasheet HTML 6Page - Rohm BD7561SFE2 Datasheet HTML 7Page - Rohm BD7561SFE2 Datasheet HTML 8Page - Rohm BD7561SFE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BD7561G,BD7561SG,BD7541G,BD7541SG,
BD7562F/FVM,BD7562SF/FVM, BD7542F/FVM,BD7542SF/FVM
Technical Note
3/20
www.rohm.com
2012.09 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
○BD7562 family (Unless otherwise specified VDD=+12[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
BD7562F/FVM
BD7562SF/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*2)(*4)
Vio
25℃
-
1
9
mV VDD=5~14.5[V],VOUT=VDD/2
Full range
-
-
10
Input Offset Current
(*2)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*2)
Ib
25℃
-
1
-
pA
-
Supply Current
(*4)
IDD
25℃
-
750
1300
μA
RL=
∞ All Op-Amps
AV=0[dB],VDD=5[V],VIN=2.5[V]
RL=
∞ All Op-Amps
AV=0[dB],VDD=12[V],VIN=6.0[V]
Full range
-
-
1500
25℃
-
900
1400
Full range
-
-
1600
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[k
Ω]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[k
Ω]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[k
Ω]
Input Common-mode Voltage Range Vicm
25℃
0
-
12
V
VDD-VSS=12[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*3)
IOH
25℃
3
8
-
mA VDD-0.4[V]
Output Sink Current
(*3)
IOL
25℃
4
14
-
mA VSS+0.4[V]
Slew Rate
SR
25℃
-
0.9
-
V/
μs CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
1.0
-
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p],f=1[kHz]
(*2)
Absolute value
(*3)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
(*4)
Full range: BD7562:Ta=-40[℃]~+85[℃]
BD7562S:Ta=-40[℃]~+105[℃]
○BD7541 family (Unless otherwise specified VDD=+12[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
BD7541G,BD7541SG
Min.
Typ.
Max.
Input Offset Voltage
(*5)(*7)
Vio
25℃
-
1
9
mV VDD=5~14.5[V],VOUT=VDD/2
Full range
-
-
10
Input Offset Current
(*5)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*5)
Ib
25℃
-
1
-
pA
-
Supply Current
(*7)
IDD
25℃
-
170
300
μA
RL=
∞ All Op-Amps
AV=0[dB],VDD=5[V],VIN=2.5[V]
RL=
∞ All Op-Amps
AV=0[dB],VDD=12[V],VIN=6.0[V]
Full range
-
-
400
25℃
-
180
320
Full range
-
-
420
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[k
Ω]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[k
Ω]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[k
Ω]
Input Common-mode Voltage Range Vicm
25℃
0
-
12
V
VDD-VSS=12[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*6)
IOH
25℃
2
4
-
mA VDD-0.4[V]
Output Sink Current
(*6)
IOL
25℃
3
7
-
mA VSS+0.4[V]
Slew Rate
SR
25℃
-
0.3
-
V/
μs CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
0.6
-
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
1
9
%
VOUT=1[Vp-p],f=1[kHz]
(*5)
Absolute value
(*6)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
(*7)
Full range:BD7541:Ta=-40[℃]~+85[℃]
BD7541S:Ta=-40[℃]~+105[℃]


Similar Part No. - BD7561SFE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561SG ROHM-BD7561SG Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561SG ROHM-BD7561SG Datasheet
688Kb / 17P
   Operational Amplifiers: High Voltage CMOS
BD7561SG ROHM-BD7561SG Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BD7561SG-TR ROHM-BD7561SG-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BD7561SFE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com