Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7561FVME2 Datasheet(PDF) 7 Page - Rohm

Part # BD7561FVME2
Description  High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7561FVME2 Datasheet(HTML) 7 Page - Rohm

Back Button BD7561FVME2 Datasheet HTML 3Page - Rohm BD7561FVME2 Datasheet HTML 4Page - Rohm BD7561FVME2 Datasheet HTML 5Page - Rohm BD7561FVME2 Datasheet HTML 6Page - Rohm BD7561FVME2 Datasheet HTML 7Page - Rohm BD7561FVME2 Datasheet HTML 8Page - Rohm BD7561FVME2 Datasheet HTML 9Page - Rohm BD7561FVME2 Datasheet HTML 10Page - Rohm BD7561FVME2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BD7561G,BD7561SG,BD7541G,BD7541SG,
BD7562F/FVM,BD7562SF/FVM, BD7542F/FVM,BD7542SF/FVM
Technical Note
7/20
www.rohm.com
2012.09 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
1200
48
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
1200
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
8
9
10
11
12
13
OUTPUT VOLTAGE [V]
0
10
20
30
40
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
4
8
12
16
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
100
-1
0
1
2
3
OUTPUT VOLTAGE [V]
0
10
20
30
40
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
4
8
12
16
48
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [°C]
0
3
6
9
12
15
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
48
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [°C]
○BD7562 family
Output Sink Current – Ambient Temperature
(VOUT=VDD-11.6[V])
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
BD7562 family
(*)The above data is ability value of sample, it is not guaranteed. BD7562:-40[℃]~+85[℃]
BD7562S:-40[℃]~+105[℃]
14.5V
5V
12V
BD7562FVM
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
14.5V
5V
12V
BD7562F
BD7562SFVM
BD7562SF
Output Source Current – Ambient
Temperature
Output Sink Current – Output Voltage
(VDD=12[V])
Output Source Current – Output Voltage
(VDD=12[V])
Output Voltage Low – Supply Voltage
(RL=10[k
Ω])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Output Voltage High – Supply Voltage
(RL=10[k
Ω])
Output Voltage High – Ambient Temperature
(RL=10[k
Ω])
Output Voltage Low – Ambient Temperature
(RL=10[k
Ω])
Derating Curve
Derating Curve
Fig. 24
Fig. 25
Fig. 26
Fig. 27
Fig. 28
Fig. 29
Fig. 30
Fig. 31
Fig. 32
Fig. 33
Fig. 34
Fig. 35


Similar Part No. - BD7561FVME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G Datasheet
688Kb / 17P
   Operational Amplifiers: High Voltage CMOS
BD7561G ROHM-BD7561G Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
More results

Similar Description - BD7561FVME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com