Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H080FJ-2CE2 Datasheet(PDF) 11 Page - Rohm

Part # BR25H080FJ-2CE2
Description  Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080FJ-2CE2 Datasheet(HTML) 11 Page - Rohm

Back Button BR25H080FJ-2CE2 Datasheet HTML 7Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 8Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 9Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 10Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 11Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 12Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 13Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 14Page - Rohm BR25H080FJ-2CE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
BR25H080-2C
11/32
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100100-1-2
21.Mar.2013 Rev.001
●Typical Performance Curves‐Continued
0
10
20
30
40
50
01
23
45
6
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC
0
10
20
30
40
50
01
2
3
45
6
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC
0
20
40
60
80
100
012
3
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC
Figure 23. SI Setup Time
tDIS
Figure 24. SI Hold Time
tDIH
Figure 25. Data Output Delay Time tPD1 (CL=100pF)
0
20
40
60
80
100
012
3
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
SPEC
Figure 26. Data Output Delay Time tPD2 (CL=30pF)


Similar Part No. - BR25H080FJ-2CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080FJ-W ROHM-BR25H080FJ-W Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
BR25H080FJ-WE2 ROHM-BR25H080FJ-WE2 Datasheet
1Mb / 17P
   HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40째C ~ 125째C type
BR25H080FJ-WE2 ROHM-BR25H080FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25H080FJ-2CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FJ-2C ROHM-BR25H020FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H040F-2C ROHM-BR25H040F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVT-2C ROHM-BR25H040FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020F-2C ROHM-BR25H020F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020FVT-2C ROHM-BR25H020FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FJ-2C ROHM-BR25H040FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com