Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25H080F-2CTR Datasheet(PDF) 6 Page - Rohm

Part # BR25H080F-2CTR
Description  Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080F-2CTR Datasheet(HTML) 6 Page - Rohm

Back Button BR25H080F-2CTR Datasheet HTML 2Page - Rohm BR25H080F-2CTR Datasheet HTML 3Page - Rohm BR25H080F-2CTR Datasheet HTML 4Page - Rohm BR25H080F-2CTR Datasheet HTML 5Page - Rohm BR25H080F-2CTR Datasheet HTML 6Page - Rohm BR25H080F-2CTR Datasheet HTML 7Page - Rohm BR25H080F-2CTR Datasheet HTML 8Page - Rohm BR25H080F-2CTR Datasheet HTML 9Page - Rohm BR25H080F-2CTR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
BR25H080-2C
6/32
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100100-1-2
21.Mar.2013 Rev.001
●Pin Configuration
●Pin Descriptions
Terminal
number
Terminal
name
Input
/Output
Function
1
CSB
Input
Chip select input
2
SO
Output
Serial data output
3
WPB
Input
Write protect input
Write status register command is prohibited.
4
GND
All input / output reference voltage, 0V
5
SI
Input
Start bit, ope code, address, and serial data input
6
SCK
Input
Serial clock input
7
HOLDB
Input
Hold input
Command communications may be suspended
temporarily (HOLD status)
8
VCC
Power source to be connected
VCC
HOLDB
SCK
SI
CSB
SO
WPB
GND
BR25H080-2C
Figure 6. Pin assignment diagram


Similar Part No. - BR25H080F-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125C Operation SPI BUS EEPROM
BR25H080F-2LBH2 ROHM-BR25H080F-2LBH2 Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LBH2 ROHM-BR25H080F-2LBH2 Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125C Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB_14 Datasheet
981Kb / 32P
   Operation SPI BUS EEPROM
More results

Similar Description - BR25H080F-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FJ-2C ROHM-BR25H020FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H040F-2C ROHM-BR25H040F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVT-2C ROHM-BR25H040FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020F-2C ROHM-BR25H020F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020FVT-2C ROHM-BR25H020FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FJ-2C ROHM-BR25H040FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com