Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1204 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1204
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1204 Datasheet(HTML) 5 Page - Analog Devices

  ADG1204_09 Datasheet HTML 1Page - Analog Devices ADG1204_09 Datasheet HTML 2Page - Analog Devices ADG1204_09 Datasheet HTML 3Page - Analog Devices ADG1204_09 Datasheet HTML 4Page - Analog Devices ADG1204_09 Datasheet HTML 5Page - Analog Devices ADG1204_09 Datasheet HTML 6Page - Analog Devices ADG1204_09 Datasheet HTML 7Page - Analog Devices ADG1204_09 Datasheet HTML 8Page - Analog Devices ADG1204_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG1204
Rev. B | Page 5 of 16
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Y Version1
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
300
Ω typ
VS = 0 V to 10 V, IS = −1 mA;
see Figure 21
475
567
625
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between Channels
5
Ω typ
VS = 0 V to 10 V, IS = −1 mA
(ΔRON)
16
26
27
Ω max
On Resistance Flatness (RFLAT(ON))
60
Ω typ
VS = 3 V, 6 V, 9 V; IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V
Source Off Leakage, IS (OFF)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
±0.1
±0.6
±1
nA max
see Figure 22
Drain Off Leakage, ID (OFF)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
±0.1
±0.6
±1
nA max
see Figure 22
Channel On Leakage, ID, IS (ON)
±0.02
nA typ
VS = VD = 1 V or 10 V; see Figure 23
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANS
150
ns typ
RL = 300 Ω, CL = 35 pF
190
240
265
ns max
VS = 8 V; see Figure 24
tON (EN)
95
ns typ
RL = 300 Ω, CL = 35 pF
120
150
170
ns max
VS = 8 V; see Figure 26
tOFF (EN)
100
ns typ
RL = 300 Ω, CL = 35 pF
125
155
170
ns max
VS = 8 V; see Figure 26
Break-Before-Make Time Delay, tD
50
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 8 V; see Figure 25
Charge Injection
−0.4
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF;
see Figure 27
Off Isolation
85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 28
Channel-to-Channel Crosstalk
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
Bandwidth −3 db
550
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 29
CS (OFF)
1.2
pF typ
f = 1 MHz; VS = 6 V
1.5
pF max
f = 1 MHz; VS = 6 V
CD (OFF)
3.6
pF typ
f = 1 MHz; VS = 6 V
4.2
pF max
f = 1 MHz; VS = 6 V
CD, CS (ON)
5.5
pF typ
f = 1 MHz; VS = 6 V
6.5
pF max
f = 1 MHz; VS = 6 V


Similar Part No. - ADG1204_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204YCP AD-ADG1204YCP Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204YRU AD-ADG1204YRU Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
More results

Similar Description - ADG1204_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com