Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H76RFJ-2CTR Datasheet(PDF) 5 Page - Rohm

Part # BR93H76RFJ-2CTR
Description  Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H76RFJ-2CTR Datasheet(HTML) 5 Page - Rohm

  BR93H76RFJ-2CTR Datasheet HTML 1Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 2Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 3Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 4Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 5Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 6Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 7Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 8Page - Rohm BR93H76RFJ-2CTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
BR93H76-2C
5/29
www.rohm.com
19.DEC.2012 Rev.002
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100040-1-2
Datasheet
Datasheet
Pin Configuration
TOP VIEW
VCC
NC
NC
GND
Pin Descriptions
Figure 3. Pin Configuration
Pin Number
Pin Name
I / O
Function
1
CS
Input
Chip select input
2
SK
Input
Serial clock input
3
DI
Input
Start bit, ope code, address, and serial data input
4
DO
Output
Serial data output, READY / BUSY status output
5
GND
-
Ground, 0V
6,7
NC
-
Non connected terminal, VCC, GND or OPEN
8
VCC
-
Power supply, 2.5V to 5.5V
8
7
6
5
1
2
3
4
CS
SK
DI
DO
BR93H76RFVM-2C:MSOP8
BR93H76RFVT-2C :TSSOP-B8
BR93H76RF-2C
:SOP8
BR93H76RFJ-2C
:SOP-J8


Similar Part No. - BR93H76RFJ-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76RFJ-2CE2 ROHM-BR93H76RFJ-2CE2 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
More results

Similar Description - BR93H76RFJ-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVM-2C ROHM-BR93H86RFVM-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVT-2C ROHM-BR93H86RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVM-2C ROHM-BR93H46RFVM-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com