Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24A64F-WMTR Datasheet(PDF) 5 Page - Rohm

Part # BR24A64F-WMTR
Description  Serial EEPROM Series Automotive EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A64F-WMTR Datasheet(HTML) 5 Page - Rohm

  BR24A64F-WMTR Datasheet HTML 1Page - Rohm BR24A64F-WMTR Datasheet HTML 2Page - Rohm BR24A64F-WMTR Datasheet HTML 3Page - Rohm BR24A64F-WMTR Datasheet HTML 4Page - Rohm BR24A64F-WMTR Datasheet HTML 5Page - Rohm BR24A64F-WMTR Datasheet HTML 6Page - Rohm BR24A64F-WMTR Datasheet HTML 7Page - Rohm BR24A64F-WMTR Datasheet HTML 8Page - Rohm BR24A64F-WMTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Datasheet
Datasheet
5/28
TSZ02201-0R1R0G100140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
31.Aug.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BR24Axxx-WM (1K 2K 4K 8K 16K 32K 64K)
Figure 4. L output voltage
VOL1-IOL1
(VCC =2.5V)
Figure 5. Input leak current ILI
(SCL,WP)
Figure 2. H input voltage VIH1,2
(SCL,SDA,WP)
Figure 3. L input voltageVIL1,2
(SCL,SDA,WP)
●Typical Performance Curves
(The following values are Typ. ones.)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Ta=105℃
Ta=-40℃
Ta=25℃
SPEC
Vcc[V]
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Ta=105℃
Ta=-40℃
Ta=25℃
SPEC
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
Ta=25℃
Ta=-40℃
Ta=105℃
SPEC
IOL1[mA]
Vcc[V]
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
6
Vcc[V]
Ta=105℃
Ta=25℃
Ta=-40℃
SPEC


Similar Part No. - BR24A64F-WMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A64F-WM ROHM-BR24A64F-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24A64F-WMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com