Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCC064GWZ-3 Datasheet(PDF) 2 Page - Rohm

Part # BRCC064GWZ-3
Description  Serial EEPROM Series Standard EEPROM WLCSP EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BRCC064GWZ-3 Datasheet(HTML) 2 Page - Rohm

  BRCC064GWZ-3 Datasheet HTML 1Page - Rohm BRCC064GWZ-3 Datasheet HTML 2Page - Rohm BRCC064GWZ-3 Datasheet HTML 3Page - Rohm BRCC064GWZ-3 Datasheet HTML 4Page - Rohm BRCC064GWZ-3 Datasheet HTML 5Page - Rohm BRCC064GWZ-3 Datasheet HTML 6Page - Rohm BRCC064GWZ-3 Datasheet HTML 7Page - Rohm BRCC064GWZ-3 Datasheet HTML 8Page - Rohm BRCC064GWZ-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Datasheet
2/25
BRCC064GWZ-3
TSZ02201-0R2R0G100590-1-2
27.May.2013 Rev.001
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Remark
Supply Voltage
VCC
-0.3 to +6.5
V
Power Dissipation
Pd
220 (UCSP30L1)
mW
Derate by 2.2mW/°C when operating above Ta=25°C
Storage Temperature
Tstg
-65 to +125
Operating Temperature
Topr
-40 to +85
Input Voltage/
Output Voltage
-
-0.3 to Vcc+1.0
V
The Max value of Input Voltage/Output Voltage is not over 6.5V.
When the pulse width is 50ns or less, the Min value of Input
Voltage/Output Voltage is not below 1.0V.
Junction Temperature
Tjmax
150
Junction temperature at the storage condition
Memory Cell Characteristics (Ta=25℃, Vcc=1.6V to 5.5V)
Parameter
Limit
Unit
Min
Typ
Max
Write Cycles
(1)
1,000,000
-
-
Times
Data Retention
(1)
40
-
-
Years
(1)Not 100% TESTED
Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Power Source Voltage
Vcc
1.6 to 5.5
V
Input Voltage
VIN
0 to Vcc
DC Characteristics (Unless otherwise specified, Ta=-40℃ to +85℃, Vcc=1.6V to 5.5V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Input High Voltage1
VIH1
0.7Vcc
-
Vcc+1.0
V
1.7V≦Vcc≦5.5V
Input Low Voltage1
VIL1
-0.3
(2)
-
+0.3Vcc
V
1.7V≦Vcc≦5.5V
Input High Voltage2
VIH2
0.8Vcc
-
Vcc+1.0
V
1.6V≦Vcc<1.7V
Input Low Voltage2
VIL2
-0.3
(2)
-
+0.2Vcc
V
1.6V≦Vcc<1.7V
Output Low Voltage1
VOL1
-
-
0.4
V
IOL=3.0mA, 2.5V≦Vcc≦5.5V (SDA)
Output Low Voltage2
VOL2
-
-
0.2
V
IOL=0.7mA, 1.6V≦Vcc<2.5V (SDA)
Input Leakage Current
ILI
-1
-
+1
µA
VIN=0 to Vcc
Output Leakage Current
ILO
-1
-
+1
µA
VOUT=0 to Vcc (SDA)
Supply Current (Write)
ICC1
-
-
2.0
mA
Vcc=5.5V, fSCL=400kHz, tWR=5ms,
Byte Write, Page Write
Supply Current (Read)
ICC2
-
-
0.5
mA
Vcc=5.5V, fSCL=400kHz
Random Read, current Read, Sequential Read
WP=GND or Vcc
Standby Current
ISB
-
-
2.0
µA
Vcc=5.5V, SDA・SCL=Vcc
WP=GND or Vcc, TEST=GND or Vcc
(2) When the pulse width is 50ns or less, it is -1.0V.


Similar Part No. - BRCC064GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
519Kb / 29P
   WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3_13 Datasheet
519Kb / 29P
   WLCSP EEPROM
More results

Similar Description - BRCC064GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR93G46-3B ROHM-BR93G46-3B Datasheet
941Kb / 39P
   Serial EEPROM series Standard EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com