Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24A02F-WMTR Datasheet(PDF) 2 Page - Rohm

Part # BR24A02F-WMTR
Description  Serial EEPROM Series Automotive EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A02F-WMTR Datasheet(HTML) 2 Page - Rohm

  BR24A02F-WMTR Datasheet HTML 1Page - Rohm BR24A02F-WMTR Datasheet HTML 2Page - Rohm BR24A02F-WMTR Datasheet HTML 3Page - Rohm BR24A02F-WMTR Datasheet HTML 4Page - Rohm BR24A02F-WMTR Datasheet HTML 5Page - Rohm BR24A02F-WMTR Datasheet HTML 6Page - Rohm BR24A02F-WMTR Datasheet HTML 7Page - Rohm BR24A02F-WMTR Datasheet HTML 8Page - Rohm BR24A02F-WMTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Datasheet
Datasheet
2/28
TSZ02201-0R1R0G100140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
31.Aug.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BR24Axxx-WM (1K 2K 4K 8K 16K 32K 64K)
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Remarks
Supply Voltage
VCC
-0.3 to +6.5
V
450 (SOP8)
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
450 (SOP-J8)
When using at Ta=25℃ or higher 4.5mW to be reduced per 1℃.
Power Dissipation
Pd
310 (MSOP8)
mW
When using at Ta=25℃ or higher 3.1mW to be reduced per 1℃.
Storage Temperature
Tstg
-65 to +125
Operating Temperature
Topr
-40 to +105
Terminal Voltage
-0.3 to VCC+1.0
V
●Memory cell characteristics (VCC=2.5V to 5.5V)
Limits
Parameter
Min.
Typ.
Max
Unit
Conditions
1,000,000
-
-
Ta≦25℃
Number of data rewrite times
*1
100,000
-
-
Times
Ta≦105℃
40
-
-
Ta≦25℃
Data hold years
*1
10
-
-
Years
Ta≦105℃
○Shipment data all address FFh
*1Not 100% TESTED
●Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Power source voltage
VCC
2.5 to 5.5
Input voltage
VIN
0 to VCC
V
●Electrical characteristics (Unless otherwise specified, Ta=-40℃ to +105℃, VCC=2.5V to 5.5V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
“HIGH” input voltage
VIH
0.7 VCC
-
-
V
“LOW” input voltage
VIL
-
-
0.3 VCC
V
“LOW” output voltage 1
VOL
-
-
0.4
V
IOL=3.0mA (SDA)
Input leak current
ILI
-1
-
1
μA
VIN=0V to VCC
Output leak current
ILO
-1
-
1
μA
VOUT=0V to VCC, (SDA)
2.0
*1
ICC1
-
-
3.0
*2
mA
VCC =5.5V,fSCL=400kHz, tWR=5ms,
Byte write, Page write
Current consumption
ICC2
-
-
0.5
mA
VCC =5.5V,fSCL=400kHz
Random read, current read, sequential read
Standby current
ISB
-
-
2.0
μA
VCC =5.5V, SDA・SCL= VCC
A0, A1, A2=GND, WP=GND
*1 BR24A01A/02/04/08/16-WM, *2 BR24A32/64-WM


Similar Part No. - BR24A02F-WMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A02F-WM ROHM-BR24A02F-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24A02F-WMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com