Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24A02FJ-WMTR Datasheet(PDF) 3 Page - Rohm

Part # BR24A02FJ-WMTR
Description  Serial EEPROM Series Automotive EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A02FJ-WMTR Datasheet(HTML) 3 Page - Rohm

  BR24A02FJ-WMTR Datasheet HTML 1Page - Rohm BR24A02FJ-WMTR Datasheet HTML 2Page - Rohm BR24A02FJ-WMTR Datasheet HTML 3Page - Rohm BR24A02FJ-WMTR Datasheet HTML 4Page - Rohm BR24A02FJ-WMTR Datasheet HTML 5Page - Rohm BR24A02FJ-WMTR Datasheet HTML 6Page - Rohm BR24A02FJ-WMTR Datasheet HTML 7Page - Rohm BR24A02FJ-WMTR Datasheet HTML 8Page - Rohm BR24A02FJ-WMTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Datasheet
Datasheet
3/28
TSZ02201-0R1R0G100140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
31.Aug.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BR24Axxx-WM (1K 2K 4K 8K 16K 32K 64K)
●Operating timing characteristics (Unless otherwise specified, Ta=-40℃ to +105℃, VCC=2.5V to 5.5V)
FAST-MODE
2.5V≦VCC≦5.5V
STANDARD-MODE
2.5V≦VCC≦5.5V
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
SCL frequency
fSCL
-
-
400
-
-
100
kHz
Data clock “HIGH“ time
tHIGH
0.6
-
-
4.0
-
-
μs
Data clock “LOW“ time
tLOW
1.2
-
-
4.7
-
-
μs
SDA, SCL rise time
*1
tR
-
-
0.3
-
-
1.0
μs
SDA, SCL fall time
*1
tF
-
-
0.3
-
-
0.3
μs
Start condition hold time
tHD:STA
0.6
-
-
4.0
-
-
μs
Start condition setup time
tSU:STA
0.6
-
-
4.7
-
-
μs
Input data hold time
tHD:DAT
0
-
-
0
-
-
ns
Input data setup time
tSU:DAT
100
-
-
250
-
-
ns
Output data delay time
tPD
0.1
-
0.9
0.2
-
3.5
μs
Output data hold time
tDH
0.1
-
-
0.2
-
-
μs
Stop condition setup time
tSU:STO
0.6
-
-
4.7
-
-
μs
Bus release time before transfer start
tBUF
1.2
-
-
4.7
-
-
μs
Internal write cycle time
tWR
-
-
5
-
-
5
ms
Noise removal valid period (SDA, SCL terminal)
tI
-
-
0.1
-
-
0.1
μs
WP hold time
tHD:WP
0
-
-
0
-
-
ns
WP setup time
tSU:WP
0.1
-
-
0.1
-
-
μs
WP valid time
tHIGH:WP
1.0
-
-
1.0
-
-
μs
*1 Not 100% tested
●FAST-MODE and STANDARD-MODE
FAST-MODE and STANDARD-MODE are of same operations, and mode is changed. They are distinguished by operating
speeds. 100kHz operation is called STANDARD-MODE, and 400kHz operation is called FAST-MODE. This operating
frequency is the maximum operating frequency, so 100kHz clock may be used in FAST-MODE. At VCC =2.5V to 5.5V,
400kHz, namely, operation is made in FASTMODE. (Operation is made also in STANDARD-MODE.)
●Sync Data Input / Output Timing
○Input read at the rise edge of SCL
○Data output in sync with the fall of SCL
Figure 1-(a) Sync data input / output timing
Figure 1-(b) Start-stop bit timing
Figure 1-(c) Write cycle timing
Figure 1-(d) WP timing at write execution
○At write execution, in the area from the D0 taken clock rise of the first
DATA(1), to tWR, set WP=“LOW”.
○By setting WP “HIGH” in the area, write can be cancelled.
When it is set WP=“HIGH” during tWR, write is forcibly ended, and data of
address under access is not guaranteed, therefore write it once again.
Figure 1-(e) WP timing at write cancel
SDA
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
SCL
tHIGH:WP
WP
SDA
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tWR
SCL
SDA
Write data
(n-th address)
Stop condition
Start condition
SCL
tWR
ACK
D0
SDA
(入力)
SDA
(出力)
tHD:STA
tHD:DAT
tSU:DAT
tBUF
tPD
tDH
tLOW
tHIGH
tR
tF
SCL
(input)
(output)
SCL
SDA
WP
tHD:WP
ストップコンディション
tWR
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tSU:WP
Stop condition


Similar Part No. - BR24A02FJ-WMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A02FJ-WM ROHM-BR24A02FJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24A02FJ-WMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com