Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5AGXMA1D427I3ES Datasheet(PDF) 10 Page - Altera Corporation

Part # 5AGXMA1D427I3ES
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXMA1D427I3ES Datasheet(HTML) 10 Page - Altera Corporation

Back Button 5AGXMA1D427I3ES Datasheet HTML 6Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 7Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 8Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 9Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 10Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 11Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 12Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 13Page - Altera Corporation 5AGXMA1D427I3ES Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Maximum Resources
Table 8: Maximum Resource Counts for Arria V GZ Devices—Preliminary
Member Code
Resource
E7
E5
E3
E1
450
400
360
220
Logic Elements (LE) (K)
169,800
150,960
135,840
83,020
ALM
679,200
603,840
543,360
332,080
Register
34,000
28,800
19,140
11,700
M20K
Memory (Kb)
5,306
4,718
4,245
2,594
MLAB
1,139
1,092
1,044
800
Variable-precision DSP Block
2,278
2,184
2,088
1,600
18 x 18 Multiplier
24
24
20
20
PLL
9
36
36
24
24
12.5 Gbps Transceiver
674
674
414
414
GPIO
10
166
166
99
99
Transmitter
LVDS
11
168
168
108
108
Receiver
1
1
1
1
PCIe Hard IP Block
Related Information
High-Speed Differential I/O Interfaces and DPA in Arria V Devices chapter, Arria V Device Handbook
Provides the number of LVDS channels in each device package.
Package Plan
Table 9: Package Plan for Arria V GZ Devices—Preliminary
F1517
(40 mm)
F1152
(35 mm)
H780
(29 mm)
Member Code
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
24
414
12
342
E1
24
414
12
342
E3
36
674
24
534
E5
36
674
24
534
E7
9 The number of PLLs includes general-purpose fractional PLLs and transceiver fractional PLLs.
10 The number of GPIOs does not include transceiver I/Os. In the Quartus II software, the number of user I/Os
includes transceiver I/Os.
11
Arria V Device Overview
Altera Corporation
Feedback
AV-51001
Maximum Resources
10
2013.05.06


Similar Part No. - 5AGXMA1D427I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXMA1D427I4N ALTERA-5AGXMA1D427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXMA1D427I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com