Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82732W2172B030 Datasheet(PDF) 3 Page - EPCOS

Part # B82732W2172B030
Description  Power line chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732W2172B030 Datasheet(HTML) 3 Page - EPCOS

  B82732W2172B030 Datasheet HTML 1Page - EPCOS B82732W2172B030 Datasheet HTML 2Page - EPCOS B82732W2172B030 Datasheet HTML 3Page - EPCOS B82732W2172B030 Datasheet HTML 4Page - EPCOS B82732W2172B030 Datasheet HTML 5Page - EPCOS B82732W2172B030 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings and pin configuration
Vertical version (B82732R)
Horizontal version (B82732W)
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
1500 V AC, 2 s (line/line)
Rated temperature TR
+40
qC
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 0.1 mA, +20 °C, 10 kHz.
Inductance is specified per winding.
Inductance tolerance
–30/+50% at +20 °C
Inductance decrease
'L/L
0
< 10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 10 kHz, 5 mA, +20 °C, typ. val.
DC resistance Rtyp
Measured at +20 °C, typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: +(245
r5) °C, (3 r0.3) s
Wetting of soldering area
t 95% (to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260
r5) °C, (10 r1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged) –25 °C … +40 °C,
d 75% RH
Weight
Approx. 11 g
Approvals
EN 60938-2, UL 1283
IND0287-U
14.8 max.
8.3 max.
12.5±0.2
24 max.
90
±5
˚
˚
1
43
2
1
4
2
3
0.6
Tolerances to ISO 2768-cL unless
otherwise noted. Dimensions in mm.
B82732R/W
Power line chokes
Current-compensated D core double chokes


Similar Part No. - B82732W2172B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732W2172B030 EPCOS-B82732W2172B030 Datasheet
173Kb / 6P
   Power line chokes
logo
TDK Electronics
B82732W2172B030 TDK-B82732W2172B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
More results

Similar Description - B82732W2172B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com