Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82732W2172B030 Datasheet(PDF) 4 Page - EPCOS

Part # B82732W2172B030
Description  Power line chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732W2172B030 Datasheet(HTML) 4 Page - EPCOS

  B82732W2172B030 Datasheet HTML 1Page - EPCOS B82732W2172B030 Datasheet HTML 2Page - EPCOS B82732W2172B030 Datasheet HTML 3Page - EPCOS B82732W2172B030 Datasheet HTML 4Page - EPCOS B82732W2172B030 Datasheet HTML 5Page - EPCOS B82732W2172B030 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
u = approval granted
IR
A
LR
mH
Lstray,typ
PH
Rtyp
m
:
Ordering code
Approvals
Vertical version
Horizontal version
0.4
100
850
3000
B82732R2401B030
B82732W2401B030
uu
0.6
47
400
1400
B82732R2601B030
B82732W2601B030
uu
0.7
39
330
1100
B82732R2701B030
B82732W2701B030
uu
0.9
27
230
750
B82732R2901B030
B82732W2901B030
uu
1.0
22
165
580
B82732R2102B030
B82732W2102B030
uu
1.1
15
125
440
B82732R2112B030
B82732W2112B030
uu
1.4
10
85
300
B82732R2142B030
B82732W2142B030
uu
1.7
6.8
55
190
B82732R2172B030
B82732W2172B030
uu
2.2
3.3
27
110
B82732R2222B030
B82732W2222B030
uu
Impedance |Z| versus frequency f
measured with windings in parallel at +20 °C
typical values
Current derating Iop/IR
versus ambient temperature TA
2601B030
2701B030
2901B030
2112B030
2142B030
2172B030
2222B030
IND0291-4-E
10
10
10 4
5
10 6
f
10
Hz
7
10
Z
||
10
10
10
10
Ω
1
2
4
3
5
6
B82732R/W
2102B030
2401B030
B82732R/W
Power line chokes
Current-compensated D core double chokes


Similar Part No. - B82732W2172B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732W2172B030 EPCOS-B82732W2172B030 Datasheet
173Kb / 6P
   Power line chokes
logo
TDK Electronics
B82732W2172B030 TDK-B82732W2172B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
More results

Similar Description - B82732W2172B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com