Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41827A3108M Datasheet(PDF) 3 Page - EPCOS

Part # B41827A3108M
Description  Aluminum electrolytic capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41827A3108M Datasheet(HTML) 3 Page - EPCOS

  B41827A3108M Datasheet HTML 1Page - EPCOS B41827A3108M Datasheet HTML 2Page - EPCOS B41827A3108M Datasheet HTML 3Page - EPCOS B41827A3108M Datasheet HTML 4Page - EPCOS B41827A3108M Datasheet HTML 5Page - EPCOS B41827A3108M Datasheet HTML 6Page - EPCOS B41827A3108M Datasheet HTML 7Page - EPCOS B41827A3108M Datasheet HTML 8Page - EPCOS B41827A3108M Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Specifications and characteristics in brief
Series
B41827
B43827
Rated voltage VR
6.3 ... 100 V DC
160 ... 450 V DC
Surge voltage VS
VR
≤ 250 V DC: 1.15 V
R (at room temperature)
VR > 250 V DC: 1.1 VR (at room temperature)
Rated capacitance CR
0.47 ... 22000 µF
0.47 ... 330 µF
Capacitance tolerance
±20%
M
±20%
M
Dissipation factor
(max.)
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR
(V DC)
6.3
10
16
25
35
50
63
100 160
...
250
350
...
400
450
tan
δ
0.22 0.20 0.16 0.14 0.12 0.10 0.09 0.08 0.18 0.20 0.23
Leakage current Ileak
(20
°C, after
5 minutes)
or 3 µA, whichever is greater
Useful life
85
°C; V
R; IAC,R
> 2000 h
Requirements
∆C/C
≤ ±20% of initial value
tan
δ
≤ 2 times initial specified value
Ileak
≤ initial specified limit
Shelf life
After storage for 1000 h at 85
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR to be
applied for 30 minutes, 24 to 48 hours before measurement.
Vibration resistance test To IEC 60068-2-6, test Fc:
Frequency range 10 ... 55 Hz, displacement amplitude 0.75 mm,
acceleration max. 10 g, duration 3
× 2 h.
If can size D <16 mm, capacitor is mounted by the leads
If can size D
≥16 mm, capacitor rigidly clamped by the aluminum case
IEC climatic category
To IEC 60068-1:
VR
≤ 100 V DC: 40/085/56 ( 40 °C/+85 °C/56 days damp heat test)
VR > 100 V DC: 25/085/56 ( 25
°C/+85 °C/56 days damp heat test)
B41827, B43827
Standard series
85
°C
Page 3 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41827A3108M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41827A3108M000 EPCOS-B41827A3108M000 Datasheet
440Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B41827A3108M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com