Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72660M0151K072 Datasheet(PDF) 3 Page - EPCOS

Part # B72660M0151K072
Description  Ceramic transient voltage suppressors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72660M0151K072 Datasheet(HTML) 3 Page - EPCOS

  B72660M0151K072 Datasheet HTML 1Page - EPCOS B72660M0151K072 Datasheet HTML 2Page - EPCOS B72660M0151K072 Datasheet HTML 3Page - EPCOS B72660M0151K072 Datasheet HTML 4Page - EPCOS B72660M0151K072 Datasheet HTML 5Page - EPCOS B72660M0151K072 Datasheet HTML 6Page - EPCOS B72660M0151K072 Datasheet HTML 7Page - EPCOS B72660M0151K072 Datasheet HTML 8Page - EPCOS B72660M0151K072 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Features
Electrical equivalents to leaded types SIOV-S05/S07
Operating voltage up to 300 VRMS
SMD plastic package
RoHS-compatible
Suitable for lead-free soldering
UL approved
CSA approved (types with voltages higher than 130 VRMS)
PSpice models available
Applications
Overvoltage protection and transient suppression in control electronics, detectors and
sensors, touch screens, plug-in cards, remote controls
Design
Cylindrical varistor element, encapsulated.
Encapsulation: thermoplastic, flame-retardant to UL 94 V-0.
Termination: tinned copper alloy, suitable for lead-free wave and reflow soldering, and
compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted by VRMS and
then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
11 ... 300
V
Maximum DC operating voltage
VDC,max
14 ... 385
V
Maximum surge current
(8/20 µs)
Isurge,max
100 ... 1200
A
Maximum energy absorption
(2 ms)
Wmax
300 ... 23000
mJ
Maximum power dissipation
Pdiss,max
10 ... 250
mW
Maximum clamping voltage
(8/20 µs)
Vclamp,max
36 ... 775
V
Operating temperature
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
Temperature derating
Climatic category:
40/+85
°C
SMD disk varistors (CU varistors)
Standard series
Page 3 of 35
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72660M0151K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
96Kb / 7P
   Monolithic; Standard Series
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72660M0151K072 EPCOS-B72660M0151K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
More results

Similar Description - B72660M0151K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com