Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7462SG-TR Datasheet(PDF) 7 Page - Rohm

Part # BU7462SG-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7462SG-TR Datasheet(HTML) 7 Page - Rohm

Back Button BU7462SG-TR Datasheet HTML 3Page - Rohm BU7462SG-TR Datasheet HTML 4Page - Rohm BU7462SG-TR Datasheet HTML 5Page - Rohm BU7462SG-TR Datasheet HTML 6Page - Rohm BU7462SG-TR Datasheet HTML 7Page - Rohm BU7462SG-TR Datasheet HTML 8Page - Rohm BU7462SG-TR Datasheet HTML 9Page - Rohm BU7462SG-TR Datasheet HTML 10Page - Rohm BU7462SG-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Technical Note
7/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7461/BU7461S family, BU7441/BU7441S family, BU7462/BU7462S family, BU7442/BU7442S family
BU7464/BU7464S family, BU7444/BU7444S family, BU7465/BU7465S family, BU7445/BU7445S family
BU7441 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7441G, BU7441SG
Min.
Typ.
Max.
Input Offset Voltage
(*14)
Vio
25℃
-
1
6
mV
Input Offset Current
(*14)
Iio
25℃
-
1
-
pA
Input Bias Current
(*14)
Ib
25℃
-
1
-
pA
Supply Current
(*15)
IDD
25℃
-
50
120
μA
RL=∞ All Op-Amps
AV=0[dB], VIN=0.9[V]
Full range
-
-
240
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
70
95
-
dB
RL=10[kΩ]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
1.8
V
VSS ~ VDD-1.2[V]
Common-mode
Rejection Ratio
CMRR
25℃
45
60
-
dB
Power Supply
Rejection Ratio
PSRR
25℃
60
80
-
dB
Output Source Current
(*16)
IOH
25℃
3
6
-
mA
VDD-0.4[V]
Output Sink Current
(*16)
IOL
25℃
5
10
-
mA
VSS+0.4[V]
Slew Rate
SR
25℃
-
0.3
-
V/μs
CL=25[pF]
Gain Band width
FT
25℃
-
0.6
-
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50
-
°
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p], f=1[kHz]
(*14) Absolute value
(*15) Full range: BU7441: Ta=-40[℃] to +85[℃] BU7441S: Ta=-40[℃] to +105[℃]
(*16) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7462SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7462SF ROHM-BU7462SF Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7462SF-E2 ROHM-BU7462SF-E2 Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7462SFVM ROHM-BU7462SFVM Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7462SFVM-TR ROHM-BU7462SFVM-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7462SNUX-TR ROHM-BU7462SNUX-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7462SG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com