Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5M240ZM6815N Datasheet(PDF) 9 Page - Altera Corporation

Part # 5M240ZM6815N
Description  DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M240ZM6815N Datasheet(HTML) 9 Page - Altera Corporation

Back Button 5M240ZM6815N Datasheet HTML 5Page - Altera Corporation 5M240ZM6815N Datasheet HTML 6Page - Altera Corporation 5M240ZM6815N Datasheet HTML 7Page - Altera Corporation 5M240ZM6815N Datasheet HTML 8Page - Altera Corporation 5M240ZM6815N Datasheet HTML 9Page - Altera Corporation 5M240ZM6815N Datasheet HTML 10Page - Altera Corporation 5M240ZM6815N Datasheet HTML 11Page - Altera Corporation 5M240ZM6815N Datasheet HTML 12Page - Altera Corporation 5M240ZM6815N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Chapter 3: DC and Switching Characteristics for MAX V Devices
3–9
Operating Conditions
May 2011
Altera Corporation
MAX V Device Handbook
Power-Up Timing
Table 3–15 lists the power-up timing characteristics for the MAX V device family.
Table 3–15. Power-Up Timing for MAX V Devices
Symbol
Parameter
Device
Temperature Range
Min
Typ
Max
Unit
tCONFIG
The amount of time from
when minimum VCCINT is
reached until the device
enters user mode (1)
5M40Z
Commercial and industrial
200
µs
Extended
300
µs
5M80Z
Commercial and industrial
200
µs
Extended
300
µs
5M160Z
Commercial and industrial
200
µs
Extended
300
µs
5M240Z (2)
Commercial and industrial
200
µs
Extended
300
µs
5M240Z (3)
Commercial and industrial
300
µs
Extended
400
µs
5M570Z
Commercial and industrial
300
µs
Extended
400
µs
5M1270Z (4)
Commercial and industrial
300
µs
Extended
400
µs
5M1270Z (5)
Commercial and industrial
450
µs
Extended
500
µs
5M2210Z
Commercial and industrial
450
µs
Extended
500
µs
Notes to Table 3–15:
(1) For more information about power-on reset (POR) trigger voltage, refer to the Hot Socketing and Power-On Reset in MAX V Devices chapter.
(2) Not applicable to the T144 package of the 5M240Z device.
(3) Only applicable to the T144 package of the 5M240Z device.
(4) Not applicable to the F324 package of the 5M1270Z device.
(5) Only applicable to the F324 package of the 5M1270Z device.


Similar Part No. - 5M240ZM6815N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM64A4N ALTERA-5M240ZM64A4N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M240ZM64C5N ALTERA-5M240ZM64C5N Datasheet
3Mb / 166P
   MAX V Device Handbook
More results

Similar Description - 5M240ZM6815N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZT100C5N ALTERA-5M160ZT100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com