Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5M2210ZM6815N Datasheet(PDF) 4 Page - Altera Corporation

Part # 5M2210ZM6815N
Description  DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M2210ZM6815N Datasheet(HTML) 4 Page - Altera Corporation

  5M2210ZM6815N Datasheet HTML 1Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 2Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 3Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 4Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 5Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 6Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 7Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 8Page - Altera Corporation 5M2210ZM6815N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
3–4
Chapter 3: DC and Switching Characteristics for MAX V Devices
Operating Conditions
MAX V Device Handbook
May 2011
Altera Corporation
IPULLUP
I/O pin pull-up resistor
current when I/O is
unprogrammed
300
µA
CIO
Input capacitance for
user I/O pin
——
8
pF
CGCLK
Input capacitance for
dual-purpose GCLK/user
I/O pin
——
8
pF
Notes to Table 3–4:
(1) Typical values are for TA = 25°C, VCCINT = 1.8 V and VCCIO = 1.2, 1.5, 1.8, 2.5, or 3.3 V.
(2) This value is specified for normal device operation. The value may vary during power-up. This applies to all VCCIO settings (3.3, 2.5, 1.8, 1.5,
and 1.2 V).
(3) VI = ground, no load, and no toggling inputs.
(4) Commercial temperature ranges from 0°C to 85°C with the maximum current at 85°C.
(5) Not applicable to the T144 package of the 5M240Z device.
(6) Only applicable to the T144 package of the 5M240Z device.
(7) Industrial temperature ranges from –40°C to 100°C with the maximum current at 100°C.
(8) This value applies to commercial and industrial range devices. For extended temperature range devices, the VSCHMITT typical value is 300 mV
for VCCIO = 3.3 V and 120 mV for VCCIO = 2.5 V.
(9) The TCK input is susceptible to high pulse glitches when the input signal fall time is greater than 200 ns for all I/O standards.
(10) This is a peak current value with a maximum duration of tCONFIG time.
(11) Pin pull-up resistance values will lower if an external source drives the pin higher than VCCIO.
Table 3–4. DC Electrical Characteristics for MAX V Devices (Note 1) (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit


Similar Part No. - 5M2210ZM6815N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M2210ZM64A4N ALTERA-5M2210ZM64A4N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M2210ZM64A5N ALTERA-5M2210ZM64A5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M2210ZM64C5N ALTERA-5M2210ZM64C5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M2210ZM64I4N ALTERA-5M2210ZM64I4N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M2210ZM64I5N ALTERA-5M2210ZM64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
More results

Similar Description - 5M2210ZM6815N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZT100C5N ALTERA-5M160ZT100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com