Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72220S0421K101 Datasheet(PDF) 10 Page - EPCOS

Part # B72220S0421K101
Description  SIOV metal oxide varistors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72220S0421K101 Datasheet(HTML) 10 Page - EPCOS

Back Button B72220S0421K101 Datasheet HTML 6Page - EPCOS B72220S0421K101 Datasheet HTML 7Page - EPCOS B72220S0421K101 Datasheet HTML 8Page - EPCOS B72220S0421K101 Datasheet HTML 9Page - EPCOS B72220S0421K101 Datasheet HTML 10Page - EPCOS B72220S0421K101 Datasheet HTML 11Page - EPCOS B72220S0421K101 Datasheet HTML 12Page - EPCOS B72220S0421K101 Datasheet HTML 13Page - EPCOS B72220S0421K101 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 250 V
B72205S0251K101
390
±10
650
5.0
65
B72207S0251K101
390
±10
650
10.0
120
B72210S0251K101
390
±10
650
25.0
245
B72214S0251K101
390
±10
650
50.0
490
B72220S0251K101
390
±10
650
100.0
940
VRMS = 275 V
B72205S0271K101
430
±10
710
5.0
60
B72207S0271K101
430
±10
710
10.0
110
B72210S0271K101
430
±10
710
25.0
220
B72214S0271K101
430
±10
710
50.0
440
B72220S0271K101
430
±10
710
100.0
850
VRMS = 300 V
B72205S0301K101
470
±10
775
5.0
55
B72207S0301K101
470
±10
775
10.0
100
B72210S0301K101
470
±10
775
25.0
200
B72214S0301K101
470
±10
775
50.0
400
B72220S0301K101
470
±10
775
100.0
780
VRMS = 320 V
B72205S0321K101
510
±10
840
5.0
50
B72207S0321K101
510
±10
840
10.0
90
B72210S0321K101
510
±10
840
25.0
185
B72214S0321K101
510
±10
840
50.0
370
B72220S0321K101
510
±10
840
100.0
720
VRMS = 385 V
B72205S0381K101
620
±10
1025
5.0
45
B72207S0381K101
620
±10
1025
10.0
85
B72210S0381K101
620
±10
1025
25.0
175
B72214S0381K101
620
±10
1025
50.0
315
B72220S0381K101
620
±10
1025
100.0
600
VRMS = 420 V
B72205S0421K101
680
±10
1120
5.0
40
B72207S0421K101
680
±10
1120
10.0
75
B72210S0421K101
680
±10
1120
25.0
165
B72214S0421K101
680
±10
1120
50.0
290
B72220S0421K101
680
±10
1120
100.0
550
Leaded varistors
B722*
StandarD series
Page 10 of 46
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72220S0421K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S0421K101 EPCOS-B72220S0421K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72220S0421K101 EPCOS-B72220S0421K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72220S0421K101 EPCOS-B72220S0421K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72220S0421K101 EPCOS-B72220S0421K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72220S0421K101 EPCOS-B72220S0421K101 Datasheet
304Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72220S0421K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com