Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C6Q400C6ES Datasheet(PDF) 3 Page - Altera Corporation

Part # EP1C6Q400C6ES
Description  Section I. Cyclone FPGA Family Data Sheet
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6Q400C6ES Datasheet(HTML) 3 Page - Altera Corporation

  EP1C6Q400C6ES Datasheet HTML 1Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 2Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 3Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 4Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 5Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 6Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 7Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 8Page - Altera Corporation EP1C6Q400C6ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
Altera Corporation
1–1
May 2008
Preliminary
1. Introduction
Introduction
The Cyclone® field programmable gate array family is based on a 1.5-V,
0.13-
μm, all-layer copper SRAM process, with densities up to
20,060 logic elements (LEs) and up to 288 Kbits of RAM. With features like
phase-locked loops (PLLs) for clocking and a dedicated double data rate
(DDR) interface to meet DDR SDRAM and fast cycle RAM (FCRAM)
memory requirements, Cyclone devices are a cost-effective solution for
data-path applications. Cyclone devices support various I/O standards,
including LVDS at data rates up to 640 megabits per second (Mbps), and
66- and 33-MHz, 64- and 32-bit peripheral component interconnect (PCI),
for interfacing with and supporting ASSP and ASIC devices. Altera also
offers new low-cost serial configuration devices to configure Cyclone
devices.
Features
The Cyclone device family offers the following features:
2,910 to 20,060 LEs, see Table 1–1
Up to 294,912 RAM bits (36,864 bytes)
Supports configuration through low-cost serial configuration device
Support for LVTTL, LVCMOS, SSTL-2, and SSTL-3 I/O standards
Support for 66- and 33-MHz, 64- and 32-bit PCI standard
High-speed (640 Mbps) LVDS I/O support
Low-speed (311 Mbps) LVDS I/O support
311-Mbps RSDS I/O support
Up to two PLLs per device provide clock multiplication and phase
shifting
Up to eight global clock lines with six clock resources available per
logic array block (LAB) row
Support for external memory, including DDR SDRAM (133 MHz),
FCRAM, and single data rate (SDR) SDRAM
Support for multiple intellectual property (IP) cores, including
Altera® MegaCore® functions and Altera Megafunctions Partners
Program (AMPPSM) megafunctions.
Table 1–1. Cyclone Device Features (Part 1 of 2)
Feature
EP1C3
EP1C4
EP1C6
EP1C12
EP1C20
LEs
2,910
4,000
5,980
12,060
20,060
M4K RAM blocks (128
× 36 bits)
1317205264
C51001-1.5


Similar Part No. - EP1C6Q400C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6Q400C6ES ALTERA-EP1C6Q400C6ES Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C6Q400C6ES ALTERA-EP1C6Q400C6ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C6Q400C6ES ALTERA-EP1C6Q400C6ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
More results

Similar Description - EP1C6Q400C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com