Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5AGXFA1D627I4N Datasheet(PDF) 10 Page - Altera Corporation

Part # 5AGXFA1D627I4N
Description  Arria V Device Handbook
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXFA1D627I4N Datasheet(HTML) 10 Page - Altera Corporation

Back Button 5AGXFA1D627I4N Datasheet HTML 6Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 7Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 8Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 9Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 10Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 11Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 12Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 13Page - Altera Corporation 5AGXFA1D627I4N Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
1–4
Chapter 1: Overview for the Arria V Device Family
Arria V Family Plan
Arria V Device Handbook
February 2012
Altera Corporation
Volume 1: Device Overview and Datasheet
Arria V Family Plan
Arria V devices offer various thermal composite flip chip BGA packaging options
with differing price and performance points. Table 1–2 and Table 1–3 list the Arria V
devices features.
Configuration
Partial and dynamic reconfigurations
CvP
Configuration via HPS
Serial and parallel flash interface
Enhanced advanced encryption standard (AES) design security features
Tamper protection
Remote system upgrade
Packaging
Thermal composite flip chip BGA packaging
Multiple device densities with identical package footprints for seamless migration between
different device densities
Lead, lead-free (Pb-free), and RoHS-compliant options
Table 1–1. Feature Summary for Arria V Devices (Part 3 of 3)
Feature
Details
Table 1–2. Maximum Resource Counts for Arria V GX Devices —Preliminary
Feature
Arria V GX Device
5AGXA1
5AGXA3
5AGXA5
5AGXA7
5AGXB1
5AGXB3
5AGXB5
5AGXB7
ALMs
28,302
56,100
71,698
91,680
113,208
136,880
158,491
190,240
LE (K)
75
148
190
242
300
362
420
504
M10K memory blocks
800
1,051
1,180
1,366
1,510
1,726
2,054
2,414
MLAB memory (Kbit)
463
873
1,173
1,448
1,852
2,098
2,532
2,906
Block memory (Kbit)
8,000
10,510
11,800
13,660
15,100
17,260
20,540
24,140
Variable-precision DSP blocks
240
396
600
800
920
1,045
1,092
1,139
18 x 19 multipliers
480
792
1,200
1,600
1,840
2,090
2,184
2,278
Fractional PLLs (1)
10
10
12
12
12
12
16
16
GPIO
480
480
544
544
704
704
704
704
LVDS transmitter (TX) (2)
68
68
120
120
160
160
156
160
LVDS receiver (RX) (2)
80
80
136
136
176
176
172
176
PCIe hard IP blocks
1
1
2
2
2
2
2
2
Hard memory controllers
2
2
4
4
4
4
4
4
Notes to Table 1–2:
(1) The total number of available fractional PLLs is a combination of general-purpose and transceiver PLLs. Transceiver fractional PLLs that are
not used by the transceiver I/O can be used as general-purpose fractional PLLs.
(2) For the LVDS channels count for each package, refer to the High-Speed Differential I/O Interfaces with DPA in Arria V Devices chapter.


Similar Part No. - 5AGXFA1D627I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXFA1D627I4N ALTERA-5AGXFA1D627I4N Datasheet
793Kb / 37P
   Arria V Device Overview
More results

Similar Description - 5AGXFA1D627I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com