Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S5F1508C3ES Datasheet(PDF) 9 Page - Altera Corporation

Part # EP2S5F1508C3ES
Description  Stratix II Device Family Data Sheet
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S5F1508C3ES Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP2S5F1508C3ES Datasheet HTML 5Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 6Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 7Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 8Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 9Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 10Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 11Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 12Page - Altera Corporation EP2S5F1508C3ES Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 238 page
background image
Altera Corporation
2–1
May 2007
2. Stratix II Architecture
Functional
Description
Stratix® II devices contain a two-dimensional row- and column-based
architecture to implement custom logic. A series of column and row
interconnects of varying length and speed provides signal interconnects
between logic array blocks (LABs), memory block structures (M512 RAM,
M4K RAM, and M-RAM blocks), and digital signal processing (DSP)
blocks.
Each LAB consists of eight adaptive logic modules (ALMs). An ALM is
the Stratix II device family’s basic building block of logic providing
efficient implementation of user logic functions. LABs are grouped into
rows and columns across the device.
M512 RAM blocks are simple dual-port memory blocks with 512 bits plus
parity (576 bits). These blocks provide dedicated simple dual-port or
single-port memory up to 18-bits wide at up to 500 MHz. M512 blocks are
grouped into columns across the device in between certain LABs.
M4K RAM blocks are true dual-port memory blocks with 4K bits plus
parity (4,608 bits). These blocks provide dedicated true dual-port, simple
dual-port, or single-port memory up to 36-bits wide at up to 550 MHz.
These blocks are grouped into columns across the device in between
certain LABs.
M-RAM blocks are true dual-port memory blocks with 512K bits plus
parity (589,824 bits). These blocks provide dedicated true dual-port,
simple dual-port, or single-port memory up to 144-bits wide at up to
420 MHz. Several M-RAM blocks are located individually in the device's
logic array.
DSP blocks can implement up to either eight full-precision 9 × 9-bit
multipliers, four full-precision 18 × 18-bit multipliers, or one
full-precision 36 × 36-bit multiplier with add or subtract features. The
DSP blocks support Q1.15 format rounding and saturation in the
multiplier and accumulator stages. These blocks also contain shift
registers for digital signal processing applications, including finite
impulse response (FIR) and infinite impulse response (IIR) filters. DSP
blocks are grouped into columns across the device and operate at up to
450 MHz.
SII51002-4.3


Similar Part No. - EP2S5F1508C3ES

ManufacturerPart #DatasheetDescription
logo
NEC
EP2S NEC-EP2S Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G1 NEC-EP2S-3G1 Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G1T NEC-EP2S-3G1T Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G2 NEC-EP2S-3G2 Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G2T NEC-EP2S-3G2T Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
More results

Similar Description - EP2S5F1508C3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com