Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S5H1508C3ES Datasheet(PDF) 3 Page - Altera Corporation

Part # EP2S5H1508C3ES
Description  Stratix II Device Family Data Sheet
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S5H1508C3ES Datasheet(HTML) 3 Page - Altera Corporation

  EP2S5H1508C3ES Datasheet HTML 1Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 2Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 3Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 4Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 5Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 6Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 7Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 8Page - Altera Corporation EP2S5H1508C3ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 238 page
background image
Altera Corporation
1–1
May 2007
1. Introduction
Introduction
The Stratix® II FPGA family is based on a 1.2-V, 90-nm, all-layer copper
SRAM process and features a new logic structure that maximizes
performance, and enables device densities approaching 180,000
equivalent logic elements (LEs). Stratix II devices offer up to 9 Mbits of
on-chip, TriMatrix™ memory for demanding, memory intensive
applications and has up to 96 DSP blocks with up to 384 (18-bit × 18-bit)
multipliers for efficient implementation of high performance filters and
other DSP functions. Various high-speed external memory interfaces are
supported, including double data rate (DDR) SDRAM and DDR2
SDRAM, RLDRAM II, quad data rate (QDR) II SRAM, and single data
rate (SDR) SDRAM. Stratix II devices support various I/O standards
along with support for 1-gigabit per second (Gbps) source synchronous
signaling with DPA circuitry. Stratix II devices offer a complete clock
management solution with internal clock frequency of up to 550 MHz
and up to 12 phase-locked loops (PLLs). Stratix II devices are also the
industry’s first FPGAs with the ability to decrypt a configuration
bitstream using the Advanced Encryption Standard (AES) algorithm to
protect designs.
Features
The Stratix II family offers the following features:
15,600 to 179,400 equivalent LEs; see Table 1–1
New and innovative adaptive logic module (ALM), the basic
building block of the Stratix II architecture, maximizes performance
and resource usage efficiency
Up to 9,383,040 RAM bits (1,172,880 bytes) available without
reducing logic resources
TriMatrix memory consisting of three RAM block sizes to implement
true dual-port memory and first-in first-out (FIFO) buffers
High-speed DSP blocks provide dedicated implementation of
multipliers (at up to 450 MHz), multiply-accumulate functions, and
finite impulse response (FIR) filters
Up to 16 global clocks with 24 clocking resources per device region
Clock control blocks support dynamic clock network enable/disable,
which allows clock networks to power down to reduce power
consumption in user mode
Up to 12 PLLs (four enhanced PLLs and eight fast PLLs) per device
provide spread spectrum, programmable bandwidth, clock switch-
over, real-time PLL reconfiguration, and advanced multiplication
and phase shifting
SII51001-4.2


Similar Part No. - EP2S5H1508C3ES

ManufacturerPart #DatasheetDescription
logo
NEC
EP2S NEC-EP2S Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G1 NEC-EP2S-3G1 Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G1T NEC-EP2S-3G1T Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G2 NEC-EP2S-3G2 Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
EP2S-3G2T NEC-EP2S-3G2T Datasheet
180Kb / 8P
   AUTOMOTIVE RELAYS LOW SOUND PRESSURE
More results

Similar Description - EP2S5H1508C3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com