Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7464SV-TR Datasheet(PDF) 2 Page - Rohm

Part # BU7464SV-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7464SV-TR Datasheet(HTML) 2 Page - Rohm

  BU7464SV-TR Datasheet HTML 1Page - Rohm BU7464SV-TR Datasheet HTML 2Page - Rohm BU7464SV-TR Datasheet HTML 3Page - Rohm BU7464SV-TR Datasheet HTML 4Page - Rohm BU7464SV-TR Datasheet HTML 5Page - Rohm BU7464SV-TR Datasheet HTML 6Page - Rohm BU7464SV-TR Datasheet HTML 7Page - Rohm BU7464SV-TR Datasheet HTML 8Page - Rohm BU7464SV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Technical Note
2/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7461/BU7461S family, BU7441/BU7441S family, BU7462/BU7462S family, BU7442/BU7442S family
BU7464/BU7464S family, BU7444/BU7444S family, BU7465/BU7465S family, BU7445/BU7445S family
Pin Assignments
Input type
Package
SSOP5
HVSOF5
SOP8
VSON008X2030
MSOP8
SOP14
Ground Sense
BU7461G
BU7461SG
BU7441G
BU7441SG
BU7465HFV
BU7465SHFV
BU7445HFV
BU7445SHFV
BU7462F
BU7462SF
BU7442F
BU7442SF
BU7462NUX
BU7462SNUX
BU7442NUX
BU7442SNUX
BU7462FVM
BU7462SFVM
BU7442FVM
BU7442SFVM
BU7464F
BU7464SF
BU7444F
BU7444SF
Absolute maximum rating (Ta=25[℃])
Parameter
Symbol
Rating
Unit
BU7461G, BU7462F/FVM/NUX
BU7441G, BU7442F/FVM/NUX
BU7464F, BU7444F
BU7445HFV, BU7465HFV
BU7461SG, BU7462S F/FVM/NUX
BU7441SG, BU7442S F/FVM/NUX
BU7464SF, BU7444SF
BU7445SHFV, BU7465SHFV
Supply Voltage
VDD-VSS
+7
V
Differential Input Voltage
(*1)
Vid
VDD-VSS
V
Input Common-mode
Voltage Range
Vicm
(VSS-0.3) ~ (VDD+0.3)
V
Operating Temperature
Topr
-40 ~ +85
-40 ~ +105
Storage Temperature
Tstg
-55 ~ +125
Maximum
Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
8
7
6
5
1
2
3
4
+-
CH1
CH2
OUT2
VSS
VDD
OUT1
IN1-
IN1+
IN2+
IN2-
VSS
VDD
OUT
IN-
IN+
5
1
2
3
4
+
-
CH1
CH4
CH2
CH3
1
2
3
4
5
6
78
9
10
11
12
13
14
OUT1
OUT2
OUT3
OUT4
IN1-
IN1+
IN2+
IN2-
IN3+
IN3-
IN4-
IN4+
VDD
VSS
SSOP5
HVSOF5
SOP8
MSOP8
VSON008X2030
SOP14


Similar Part No. - BU7464SV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7464SF-E2 ROHM-BU7464SF-E2 Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7464SV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com