Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3210PCMF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-3210PCMF
Description  ARINC 429 DATA MANAGEMENT ENGINE
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3210PCMF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-3210PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 9Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 10Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 11Page - Holt Integrated Circuits HI-3210PCMF Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
HI-3210 REGISTER MAP
ADDRESS
R/W
REGISTER
MNEMONIC
DESCRIPTION
0x8000
R*
ARINC 429 Rx PENDING INTERRUPT
APIR
Defines channel(s) with pending Interrupt
0x8001
R
ARINC 429 Rx INTERRUPT ADDRESS 0
AIAR0
ARINC 429 Interrupt Vector channel 0
0x8002
R
ARINC 429 Rx INTERRUPT ADDRESS 1
AIAR1
ARINC 429 Interrupt Vector channel 1
0x8003
R
ARINC 429 Rx INTERRUPT ADDRESS 2
AIAR2
ARINC 429 Interrupt Vector channel 2
0x8004
R
ARINC 429 Rx INTERRUPT ADDRESS 3
AIAR3
ARINC 429 Interrupt Vector channel 3
0x8005
R
ARINC 429 Rx INTERRUPT ADDRESS 4
AIAR4
ARINC 429 Interrupt Vector channel 4
0x8006
R
ARINC 429 Rx INTERRUPT ADDRESS 5
AIAR5
ARINC 429 Interrupt Vector channel 5
0x8007
R
ARINC 429 Rx INTERRUPT ADDRESS 6
AIAR6
ARINC 429 Interrupt Vector channel 6
0x8008
R
ARINC 429 Rx INTERRUPT ADDRESS 7
AIAR7
ARINC 429 Interrupt Vector channel 7
0x8009
-
RESERVED
0x800A
R*
PENDING INTERRUPT REGISTER
PIR
Indicates Interrupt type
0x800B
R
RESERVED
0x800C
R
MUXED FIFO FLAGS
AMFF
ARINC 429 Multiplexed FIFO flags
0x800D
R
ARINC 429 TX READY BITS
ATRB
ARINC 429 Transmitter Ready flags
0x800E
R
MASTER STATUS REGISTER
MSR
Indicates HI-3200 current status
0x800F
R/W
MASTER CONTROL REGISTER
MCR
HI-3200 global configuration
0x8010
R/W
ARINC 429 RX CONTROL REGISTER 0
ARXC0
Configures ARINC 429 receive channel 0
0x8011
R/W
ARINC 429 RX CONTROL REGISTER 1
ARXC1
Configures ARINC 429 receive channel 1
0x8012
R/W
ARINC 429 RX CONTROL REGISTER 2
ARXC2
Configures ARINC 429 receive channel 2
0x8013
R/W
ARINC 429 RX CONTROL REGISTER 3
ARXC3
Configures ARINC 429 receive channel 3
0x8014
R/W
ARINC 429 RX CONTROL REGISTER 4
ARXC4
Configures ARINC 429 receive channel 4
0x8015
R/W
ARINC 429 RX CONTROL REGISTER 5
ARXC5
Configures ARINC 429 receive channel 5
0x8016
R/W
ARINC 429 RX CONTROL REGISTER 6
ARXC6
Configures ARINC 429 receive channel 6
0x8017
R/W
ARINC 429 RX CONTROL REGISTER 7
ARXC7
Configures ARINC 429 receive channel 7
0x8018
R/W
ARINC 429 TX CONTROL REGISTER 0
ATXC0
Configures ARINC 429 transmit channel 0
0x8019
R/W
ARINC 429 TX CONTROL REGISTER 1
ATXC1
Configures ARINC 429 transmit channel 1
0x801A
R/W
ARINC 429 TX CONTROL REGISTER 2
ATXC2
Configures ARINC 429 transmit channel 2
0x801B
R/W
ARINC 429 TX CONTROL REGISTER 3
ATXC3
Configures ARINC 429 transmit channel 3
0x801C
R/W
ARINC 429 TX REPETITION RATE 0
ATXRR0
Sets sequence repeat time for ARINC TX0
0x801D
R/W
ARINC 429 TX REPETITION RATE 1
ATXRR1
Sets sequence repeat time for ARINC TX1
0x801E
R/W
ARINC 429 TX REPETITION RATE 2
ATXRR2
Sets sequence repeat time for ARINC TX2
0x801F
R/W
ARINC 429 TX REPETITION RATE 3
ATXRR3
Sets sequence repeat time for ARINC TX3
0x8020
R/W
ARINC 429 Rx INTERRUPT MASK
AIMR
Enables Interrupts on AINT pin
0x8021
R/W
ARINC 429 Rx FIFO THRESHOLD VALUE
AFTV
Sets flag value for ARINC 429 Receive FIFO
0x8022
R/W
ARINC 429 LOOPBACK
ALOOP
Sets loop-back self-test mode
0x8029
R
ARINC 429 Rx FIFO FULL FLAG
AFFF
Indicates which FIFOs are full
0x802A
R
ARINC 429 Rx FIFO THRESHOLD FLAG
AFTF
Indicates which FIFOs hold > (thresh) messages
0x802B
R
ARINC 429 Rx FIFO NOT EMPTY FLAG
FFNE
Indicates which receive FIFOs hold data
0x802C
R
ARINC 429 TX SEQUENCE POINTER 0
ATXSP0
Current address of ARINC transmit sequence 0
0x802D
R
ARINC 429 TX SEQUENCE POINTER 1
ATXSP1
Current address of ARINC transmit sequence 1
0x802E
R
ARINC 429 TX SEQUENCE POINTER 2
ATXSP2
Current address of ARINC transmit sequence 2
0x802F
R
ARINC 429 TX SEQUENCE POINTER 3
ATXSP3
Current address of ARINC transmit sequence 3
0x8034
R/W PENDING INTERRUPT ENABLE REGISTER
IMR
Enables Interrupts on INT pin
0x8035
R/W
ARINC 429 TX READY INT ENABLE
ATRIE
Enables ARINC 429 TX Ready Interrupts
Fast Access Registers
* Register is cleared when read (auto clear)
Memory mapped register access only
HOLT INTEGRATED CIRCUITS
8
HI-3210


Similar Part No. - HI-3210PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3210PCMF HOLTIC-HI-3210PCMF Datasheet
168Kb / 42P
   ARINC 429 DATA MANAGEMENT ENGINE / Octal Receiver / Quad Transmitter
More results

Similar Description - HI-3210PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3210 HOLTIC-HI-3210_16 Datasheet
173Kb / 45P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210 Datasheet
168Kb / 42P
   ARINC 429 DATA MANAGEMENT ENGINE / Octal Receiver / Quad Transmitter
HI-3200 HOLTIC-HI-3200 Datasheet
220Kb / 59P
   AVIONICS DATA MANAGEMENT ENGINE
HI-3200 HOLTIC-HI-3200_16 Datasheet
227Kb / 60P
   AVIONICS DATA MANAGEMENT ENGINE
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com