Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3282CLT Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3282CLT
Description  ARINC 429 Serial Transmitter and Dual Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3282CLT Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3282CLT Datasheet HTML 6Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 7Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 8Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 9Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 10Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 11Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 12Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 13Page - Holt Integrated Circuits HI-3282CLT Datasheet HTML 14Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ORDERING INFORMATION
HI - 3282
(Ceramic)
Cx x -xx
HI - 3282
(Plastic)
xPxxx-xx
HI-3282, HI-3282B
PART
PACKAGE
NUMBER
DESCRIPTION
PJ
44 PIN PLASTIC J-LEAD PLCC (44J)
PQ
44 PIN PLASTIC QUAD FLAT PACK (44PQS)
PART
TEMPERATURE
BURN
NUMBER
RANGE
FLOW
IN
I
-40°C TO +85°C
I
No
T
-55°C TO +125°C
T
No
M
-55°C TO +125°C
M
Yes
PART
PACKAGE
NUMBER
DESCRIPTION
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free RoHS compliant)
No dash number
35K Ohm
0
-10 (See Note 1)
25K Ohm
10K to 15K Ohm
PART
INPUT SERIES RESISTANCE
NUMBER
BUILT-IN
REQUIRED EXTERNALLY
PART
PACKAGE
NUMBER
DESCRIPTION
CD
40 PIN CERAMIC SIDE BRAZED DIP (40C)
CL
44 PIN CERAMIC LEADLESS CHIP CARRIER (44S)
PART
TEMPERATURE
BURN
LEAD
NUMBER
RANGE
FLOW
IN
FINISH
I
-40°C TO +85°C
I
No
Gold (Pb-free, RoHS compliant)
T
-55°C TO +125°C
T
No
Gold (Pb-free, RoHS compliant)
M
-55°C TO +125°C
M
Yes
Tin / Lead (Sn / Pb) Solder
No dash number
35K Ohm
0
-10 (See Note 1)
25K Ohm
10K to 15K Ohm
PART
INPUT SERIES RESISTANCE
NUMBER
BUILT-IN
REQUIRED EXTERNALLY
NOTES:
1. The -10 configuration requires an external 10K to 15K ohm resistor in series with each ARINC input to
guarantee specified voltage thresholds. The 15K ohm resistors are required to withstand DO-160F, Level 3,
Waveforms 3,4,5A & 5B pin injection.
PART
MINIMUM
NUMBER
LOW SPEED DATA RATE
Blank
10.4 K BPS
B
6.5K BPS (PJ package only)
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3282CLT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282CLT HOLTIC-HI-3282CLT Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282CLT-10 HOLTIC-HI-3282CLT-10 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-3282CLT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com