Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5AGXFA3D427I4N Datasheet(PDF) 8 Page - Altera Corporation

Part # 5AGXFA3D427I4N
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXFA3D427I4N Datasheet(HTML) 8 Page - Altera Corporation

Back Button 5AGXFA3D427I4N Datasheet HTML 4Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 5Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 6Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 7Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 8Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 9Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 10Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 11Page - Altera Corporation 5AGXFA3D427I4N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Maximum Resources
Table 6: Maximum Resource Counts for Arria V GT Devices—Preliminary
Member Code
Resource
D7
D3
C7
C3
504
362
242
156
Logic Elements (LE) (K)
190,240
136,880
91,680
58,900
ALM
760,960
547,520
366,720
235,600
Register
24,140
17,260
13,660
10,510
M10K
Memory (Kb)
2,906
2,098
1,448
961
MLAB
1,156
1,045
800
396
Variable-precision DSP Block
2,312
2,090
1,600
792
18 x 18 Multiplier
16
12
12
10
PLL
5
6 (36)
6 (24)
6 (24)
3 (9)
6 Gbps
6
Transceiver
20
12
12
4
10 Gbps
7
704
704
544
416
GPIO
8
160
160
120
68
Transmitter
LVDS
176
176
136
80
Receiver
2
2
2
1
PCIe Hard IP Block
4
4
4
2
Hard Memory Controller
Related Information
High-Speed Differential I/O Interfaces and DPA in Arria V Devices chapter, Arria V Device Handbook
Provides the number of LVDS channels in each device package.
Transceiver Architecture in Arria V Devices
Describes 10 Gbps channels usage conditions.
5 The number of PLLs includes general-purpose fractional PLLs and transceiver fractional PLLs.
6 The 6 Gbps transceiver counts are for dedicated 6-Gbps channels. You can also configure any pair of 10 Gbps
channels as three 6 Gbps channels-the total number of 6 Gbps channels are shown in brackets.
7 Chip-to-chip connections only. For 10 Gbps channel usage conditions, refer to the Transceiver Architecture
in Arria V Devices chapter. For information about 10 Gbps SFF-8431 compliance, contact Altera.
8 The number of GPIOs does not include transceiver I/Os. In the Quartus II software, the number of user I/Os
includes transceiver I/Os.
Arria V Device Overview
Altera Corporation
Feedback
AV-51001
Maximum Resources
8
2013.05.06


Similar Part No. - 5AGXFA3D427I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXFA1D427C4N ALTERA-5AGXFA1D427C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXFA1D427I4N ALTERA-5AGXFA1D427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXFA1D431C4N ALTERA-5AGXFA1D431C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXFA1D431I4N ALTERA-5AGXFA1D431I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXFA1D627C4N ALTERA-5AGXFA1D627C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXFA3D427I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com