Electronic Components Datasheet Search |
|
EP1S60 Datasheet(PDF) 7 Page - Altera Corporation |
|
EP1S60 Datasheet(HTML) 7 Page - Altera Corporation |
7 / 36 page Functional Description Page 7 Enhanced Configuration (EPC) Devices Datasheet January 2012 Altera Corporation Figure 1 shows a block diagram of the EPC device. The EPC device features multiple configuration schemes. In addition to supporting the traditional passive serial (PS) configuration scheme for a single device or a serial-device chain, the EPC device features concurrent configuration and parallel configuration. With the concurrent configuration scheme, up to eight PS device chains can be configured simultaneously. In the FPP configuration scheme, 8-bits of data are clocked into the FPGA during each cycle. These configuration schemes offer significantly reduced configuration times over traditional schemes. Furthermore, the EPC device features a dynamic configuration or page mode feature. This feature allows you to dynamically reconfigure all the FPGAs in your system with new images stored in the configuration memory. Up to eight different system configurations or pages can be stored in the memory and selected using the PGM[2..0] pins. Your system can be dynamically reconfigured by selecting one of the eight pages and initiating a reconfiguration cycle. This page mode feature combined with the external flash interface allows remote and local updates of system configuration data. The EPC devices are compatible with the remote system configuration feature of the Stratix device. f For more information, refer to the Remote System Configuration with Stratix & Stratix GX Devices chapter in the Stratix Device Handbook. Other user programmable features include: ■ Real-time decompression of configuration data ■ Programmable configuration clock (DCLK) ■ Flash ISP ■ Programmable POR delay (PORSEL) Figure 1. EPC Device Block Diagram Flash FPGA Controller JTAG/ISP Interface EPC Device Shared Flash Interface Shared Flash Interface |
Similar Part No. - EP1S60 |
|
Similar Description - EP1S60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |