Electronic Components Datasheet Search |
|
5AGXMA1G627I4N Datasheet(PDF) 11 Page - Altera Corporation |
|
5AGXMA1G627I4N Datasheet(HTML) 11 Page - Altera Corporation |
11 / 37 page Arria V SX This section provides the available options, maximum resource counts, and package plan for the Arria V SX devices. Available Options Figure 4: Sample Ordering Code and Available Options for Arria V SX Devices—Preliminary The –3 FPGA fabric speed grade is available only for industrial temperature devices. Family Signature Embedded Hard IPs Transceiver Count Transceiver Speed Grade Package Type Package Code Operating Temperature FPGA Fabric Speed Grade Optional Suffix Indicates specific device options or shipment method SX : SoC FPGA with 6-Gbps transceivers B : No hard PCIe or hard memory controllers M : Maximum 1 hard PCIe controllers and 2 hard memory controllers F : Maximum 2 hard PCIe controllers and 3 hard memory controllers 5A : Arria V B3 : 350K logic elements B5 : 462K logic elements D : 9 E : 12 G : 18 H : 30 4 : 6.5336 Gbps F : FineLine BGA (FBGA) 31 : 896 pins 35 : 1,152 pins 40 : 1,517 pins C : Commercial (TJ = 0° C to 85° C) I : Industrial (TJ = -40° C to 100° C) 3 (fastest) 4 5 6 N : Lead-free packaging ES : Engineering sample 5A SX F B5 H 4 F 40 I 3 N Member Code Family Variant Maximum Resources Table 10: Maximum Resource Counts for Arria V SX Devices—Preliminary Member Code Resource B5 B3 462 350 Logic Elements (LE) (K) 174,340 132,075 ALM 697,360 528,300 Register 22,820 17,290 M10K Memory (Kb) 2,658 2,014 MLAB 1,090 809 Variable-precision DSP Block 2,180 1,618 18 x 18 Multiplier 14 14 FPGA PLL 12 12 The number of PLLs includes general-purpose fractional PLLs and transceiver fractional PLLs. Altera Corporation Arria V Device Overview Feedback 11 Arria V SX AV-51001 2013.05.06 |
Similar Part No. - 5AGXMA1G627I4N |
|
Similar Description - 5AGXMA1G627I4N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |