Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8683PSIF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8683PSIF
Description  ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8683PSIF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8683PSIF Datasheet HTML 1Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8683PSIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PROTOCOL DETECTION
ARINC clock and data in the HI-8683 are derived from the
two streams of digital data at the INA and INB inputs and the
resulting One/Zero data is shifted into a 32-bit input register
as illustrated in Figure 3.
In the HI-8684, the One/Zero data shifted into the input reg-
ister is created from either the two digital outputs of the built-
in line receiver (Figure 3) or the TESTA and TESTB inputs
(Figure 4).
For ARINC 561 operation, the INA and INB data streams in-
puts must be derived from the ARINC 561 data, clock and
sync with external logic.
GAP DETECTION
The end of a data word is detected by an internal counter
that times out when a data One or Zero is not received for a
period equal to 16 cycles of the GAPCLK signal. The gap
detection time may vary between 16 and 17 cycles of the
GAPCLK signal since the incoming data and GAPCLK are
not usually synchronous inputs. The required frequency of
GAPCLK is a function of the mininum gap time specified for
the type of ARINC data being received. Table 1 indicates
typical frequencies that may be used for the various data
rates normally encountered.
Figure 1. Block Diagram
DATABUS
BIT PERIOD
MINIMUM GAP
GAP CLOCK
GAP DETECTION
TYPE
( s)
(µs)
MHz
TIME (µs)
µ
429
10
45
0.75
21.3 - 22.7
1.0
16 - 17
1.5
10.7 - 11.3
429
69 - 133
310 - 599
0.1
160 - 170
575
69 - 133
310 - 599
0.1
160 - 170
561
69 - 133
103 - 200
0.2
80 - 85
Table1-Typical Gap Detection Times
FUNCTIONAL DESCRIPTION (cont.)
BIT
COUNT
PARITY
DETECT
GAP
DETECT
32-BIT
SHIFT
REG.
32-BIT
RECEIVE
BUFFER
32-BIT
TO
8-BIT
MUX
ERROR
DETECT
CLOCK
&
DATA
DETECT
HI-8683 ONLY
HI-8684 ONLY
INA
PARITY
ENB
INB
RINB
TESTA
TESTB
GAPCLK
RESET
BYTE
COUNT
READ
DATA RDY
ERROR
32
8
32
ESD
PROTECTION
&
LINE
RECEIVER
ESD
PROTECTION
RXA
RXB
10K
W
BIT 32
BIT 32
RINA
D0-D7
DATA
CLK
RINB-10
RINA-10
10K
W
25K
W
25K
W
HI-8683, HI-8684
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8683PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8683PSIF HOLTIC-HI-8683PSIF Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683PSIF-10 HOLTIC-HI-8683PSIF-10 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
More results

Similar Description - HI-8683PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com