Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3584 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-3584
Description  Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3584 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-3584_13 Datasheet HTML 2Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 3Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 4Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 5Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 6Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 7Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 8Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 9Page - Holt Integrated Circuits HI-3584_13 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FIFO
LOAD
CONTROL
SEL
EN
CONTROL
BIT
/
R/W
CONTROL
32 TO 16 DRIVER
32 BIT SHIFT REGISTER
TO PINS
CONTROLBITS
CR0, CR14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
FIGURE 2.
RECEIVER BLOCK DIAGRAM
LABEL /
DECODE
COMPARE
16x8
LABEL
MEMORY
32X32
FIFO
D/R
FF
MUX
CONTROL
CONTROL
BITS
HF
HI-3584
FUNCTIONAL DESCRIPTION (cont.)
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-3584_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJI HOLTIC-HI-3584ACJI Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJI-15 HOLTIC-HI-3584ACJI-15 Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJIF HOLTIC-HI-3584ACJIF Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
HI-3584ACJIF-15 HOLTIC-HI-3584ACJIF-15 Datasheet
121Kb / 16P
   ARINC 429 3.3V Serial Transmitter
More results

Similar Description - HI-3584_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com