Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR821G Datasheet(PDF) 2 Page - Rohm

Part # LMR821G
Description  Low Power Ground Sense Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR821G Datasheet(HTML) 2 Page - Rohm

  LMR821G Datasheet HTML 1Page - Rohm LMR821G Datasheet HTML 2Page - Rohm LMR821G Datasheet HTML 3Page - Rohm LMR821G Datasheet HTML 4Page - Rohm LMR821G Datasheet HTML 5Page - Rohm LMR821G Datasheet HTML 6Page - Rohm LMR821G Datasheet HTML 7Page - Rohm LMR821G Datasheet HTML 8Page - Rohm LMR821G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200490-1-2
©2013 ROHM Co., Ltd. All rights reserved.
2/18
18.JAN.2013 Rev.001
TSZ22111・15・001
LMR821G
●Pin Configuration
LMR821G (SSOP5)
Pin No.
Pin Name
1
+IN
2
VSS
3
-IN
4
OUT
5
VDD
Package
SSOP5
LMR821G
●Ordering Information
L
M
R
8
2
1
G
-
T R
Part Number
LMR821
Package
G:SSOP5
Packaging and forming specification
TR: Embossed tape and reel
(SSOP5)
●Line-up
Topr
Package
Operable Part Number
-40°C to +85°C
SSOP5
Reel of 3000
LMR821G-TR
●Absolute Maximum Ratings(Ta=25°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD-VSS
+7
V
Power dissipation
Pd
SSOP5
675
*1*2
mW
Differential Input Voltage
*3
Vid
VDD to VSS
V
Input Common-mode
Voltage Range
Vicm
(VSS - 0.3) to (VDD + 0.3)
V
Operable with low voltage
Vopr
+2.5 to +5.0
V
Operating Temperature
Topr
- 40 to +85
°C
Storage Temperature
Tstg
- 55 to +150
°C
Maximum
Junction Temperature
Tjmax
+150
°C
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated
temperature environment may cause deterioration of characteristics.
*1
To use at temperature above Ta=25°C reduce 5.4mW/°C.
*2
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*3
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
34
2
15
+
-
OUT
+IN
-IN
VSS
VDD


Similar Part No. - LMR821G

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR821G ROHM-LMR821G Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G-TR ROHM-LMR821G-TR Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
LMR821G-TR ROHM-LMR821G-TR Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
More results

Similar Description - LMR821G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com