Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3584CJTF Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-3584CJTF
Description  Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3584CJTF Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-3584CJTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 10Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 11Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 12Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 13Page - Holt Integrated Circuits HI-3584CJTF Datasheet HTML 14Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LABEL MEMORY READ SEQUENCE
CWSTR
/
EN1 EN2
DATA BUS
Set CR1=1
Label #1
Label #16
Set CR1=0
CWSTR
t
CWSET
t
CWHLD
t
ENDATA
t
Label #2
DATAEN
t
READEN
t
LABEL MEMORY LOAD SEQUENCE
CWSTR
/
PL1 PL2
DATA BUS
Set CR1=1
Label #1
Label #2
Label #16
Set CR1=0
CWSTR
t
CWSET
t
CWHLD
t
DWSET
t
DWHLD
t
PL
t
LABEL
t
CONTROL REGISTER READ CYCLE
BYTE SELECT
SEL
RSR
DATA BUS
SELEN
t
DATAEN
t
ENSEL
t
ENDATA
t
DON'T CARE
DON'T CARE
DATA VALID
STATUS REGISTER READ CYCLE
BYTE SELECT
SEL
RSR
DATA BUS
SELEN
t
DATAEN
t
ENSEL
t
ENDATA
t
DON'T CARE
DON'T CARE
DATA VALID
HI-3584
TIMING DIAGRAMS (cont.)
HOLT INTEGRATED CIRCUITS
10


Similar Part No. - HI-3584CJTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584CJTF HOLTIC-HI-3584CJTF Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584CJTF-10 HOLTIC-HI-3584CJTF-10 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results

Similar Description - HI-3584CJTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com