Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5245B Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # 1N5245B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5245B Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  1N5245B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5245B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
http://www.yeashin.com
2
REV.03 20121003
1N5221B~1N5281B
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless
otherwise noted. Based on DC measurements at thermal
equilibrium; lead length = 3/8”; thermal resistance of heat sink =
30
°C/W, V
F = 1.1 V Max @ IF = 200mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Zener Current
ZZT
Maximum Zener Impedance @ IZT
IZk
Reverse Zener Current
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
θ
VZ
Maximum Zener Voltage Temperature Coefficient
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.1 V Max @ IF = 200mA for all types)
Zener Voltage (Note 3.)
Zener Impedance (Note 4.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
θ
VZ
(Note 5.)
Device
(Note 2.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω)
(mA)
(
µA)
(Volts)
(%/ºC)
1N5221B
1N5221B
2.28
2.4
2.52
20
30
1200
0.25
100
1
-0.085
1N5222B
1N5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1
-0.085
1N5223B
1N5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1
-0.08
1N5224B
1N5224B
2.66
2.8
2.94
20
30
1400
0.25
75
1
-0.08
1N5225B
1N5225B
2.85
3
3.15
20
29
1600
0.25
50
1
-0.075
1N5226B
1N5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1
-0.07
1N5227B
1N5227B
3.42
3.6
3.78
20
24
1700
0.25
15
1
-0.065
1N5228B
1N5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1
-0.06
1N5229B
1N5229B
4.085
4.3
4.515
20
22
2000
0.25
5
1
±0.055
1N5230B
1N5230B
4.465
4.7
4.935
20
19
1900
0.25
5
2
±0.03
1N5231B
1N5231B
4.845
5.1
5.355
20
17
1600
0.25
5
2
±±±±0.03
1N5232B
1N5232B
5.32
5.6
5.88
20
11
1600
0.25
5
3
+0.038
1N5233B
1N5233B
5.7
6
6.3
20
7
1600
0.25
5
3.5
+0.038
1N5234B
1N5234B
5.89
6.2
6.51
20
7
1000
0.25
5
4
+0.045
1N5235B
1N5235B
6.46
6.8
7.14
20
5
750
0.25
3
5
+0.05
2. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
3. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30
°C
±1°C and 3/8” lead length.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits
are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
5. TEMPERATURE COEFFICIENT (
θ
VZ)
Test conditions for temperature coefficient are as follows:
A. IZT = 7.5mA, T1 = 25
°C, T
2 = 125
°C (1N5221B through 1N5242B)
B. IZT = Rated IZT, T1 = 25
°C, T
2 = 125
°C (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient
temperature.


Similar Part No. - 1N5245B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5245B TGS-1N5245B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5245B VISHAY-1N5245B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5245B MCC-1N5245B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5245B VISHAY-1N5245B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5245B TAK_CHEONG-1N5245B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5245B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com