Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N985B Datasheet(PDF) 5 Page - Yea Shin Technology Co., Ltd

Part # 1N985B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N985B Datasheet(HTML) 5 Page - Yea Shin Technology Co., Ltd

  1N985B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N985B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
http://www.yeashin.com
5
REV.02 20120403
1N957B~1N992B
DEVICE CHARACTERISTICS
+12
+10
+8
+6
+4
+2
0
-2
-4
89
VZ , ZENER VOLTAGE (VOLTS)
Figure 4a. Range for Units to 12 Volts
VZ @IZT
(NOTE 2)
RANGE
TEMPERATURE COEFFICIENTS
(-55
°C to +150°C temperature range; 90% of the units are in the ranges indicated.)
100
70
50
30
20
10
7
5
3
2
1
2
6
10
20
30
50
70
100
VZ , ZENER VOLTAGE (VOLTS)
Figure 4b. Range for Units 12 to 100 Volts
RANGE
VZ @IZ
(NOTE 2)
120
130
140
150
160
170
180
190
200
200
180
160
140
120
100
VZ , ZENER VOLTAGE (VOLTS)
Figure 4c. Range for Units 120 to 200 Volts
VZ @ IZT
(NOTE 2)
+6
+4
+2
0
-2
-4
34
VZ , ZENER VOLTAGE (VOLTS)
Figure 5. Effect of Zener Current
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOL TS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: AFFECT TEMPERATURE COEFFICIENTS
1mA
0.01mA
VZ @ IZ
TA= 25 °C
1000
500
200
100
50
20
10
5
2
1
1
2
5
10
20
50
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 6a. Typical Capacitance 2.4-100 Volts
TA = 25
° C
0V BIAS
1V BIAS
50% OF
VZ BIAS
100
70
50
30
20
10
7
5
3
2
1
120
140
160
180
190
200
220
VZ, ZENER VOLTAGE (VOLTS)
Figure 6b. Typical Capacitance 120-200 Volts
T= 2
5 °C
1 VOLT BIAS
50% OF V BIAS
0 BIAS
20mA
3
45
710
11
12
5
6
7
8


Similar Part No. - 1N985B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N985B JGD-1N985B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Digitron Semiconductors
1N985B DIGITRON-1N985B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Compensated Deuices Inc...
1N985B CDI-DIODE-1N985B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
New Jersey Semi-Conduct...
1N985B NJSEMI-1N985B Datasheet
60Kb / 2P
   500mW Silicon Zener Diode
logo
Microsemi Corporation
1N985B MICROSEMI-1N985B Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
More results

Similar Description - 1N985B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com