Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR321GFVM-TR Datasheet(PDF) 4 Page - Rohm

Part # LMR321GFVM-TR
Description  Ground sense Low Power General Purpose Operational amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321GFVM-TR Datasheet(HTML) 4 Page - Rohm

  LMR321GFVM-TR Datasheet HTML 1Page - Rohm LMR321GFVM-TR Datasheet HTML 2Page - Rohm LMR321GFVM-TR Datasheet HTML 3Page - Rohm LMR321GFVM-TR Datasheet HTML 4Page - Rohm LMR321GFVM-TR Datasheet HTML 5Page - Rohm LMR321GFVM-TR Datasheet HTML 6Page - Rohm LMR321GFVM-TR Datasheet HTML 7Page - Rohm LMR321GFVM-TR Datasheet HTML 8Page - Rohm LMR321GFVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
LMR321G
LMR358
LMR324
Supply Voltage
VDD-VSS
+7
V
Power dissipation
Pd
SSOP5
675
*1*9
-
-
mW
SOP-J8
-
675
*1*9
-
SOP8
-
690
*2*9
-
SSOP-B8
-
625
*3*9
-
TSSOP-B8
-
625
*3*9
-
MSOP8
-
587
*4*9
-
TSSOP-B8J
-
587
*4*9
-
SOP-J14
-
-
1025
*5*9
SSOP-B14
-
-
875
*6*9
TSSOP-B14J
-
-
850
*7*9
SOP14
-
-
562
*8*9
Differential Input Voltage
*10
Vid
VDD - VSS
V
Input Common-mode
Voltage Range
Vicm
(VSS-0.3) to (VDD+0.3)
V
Operable with low voltage
Vopr
+2.7 to +5.5
V
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-55 to +150
Maximum
Junction Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 5.4mW/℃.
*2
To use at temperature above Ta=25℃ reduce 5.52mW/℃.
*3
To use at temperature above Ta=25℃ reduce 5mW/℃.
*4
To use at temperature above Ta=25℃ reduce 4.7mW/℃.
*5
To use at temperature above Ta=25℃ reduce 8.2mW/℃.
*6
To use at temperature above Ta=25℃ reduce 7mW/℃.
*7
To use at temperature above Ta=25℃ reduce 6.8mW/℃.
*8
To use at temperature above Ta=25℃ reduce 4.5mW/℃.
*9
Mounted on a glass epoxy PCB(70mm×70mm×1.6mm).
*10
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.


Similar Part No. - LMR321GFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - LMR321GFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com