Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1S80 Datasheet(PDF) 10 Page - Altera Corporation

Part # HC1S80
Description  Package Information Datasheet for Mature Altera Devices
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC1S80 Datasheet(HTML) 10 Page - Altera Corporation

Back Button HC1S80 Datasheet HTML 6Page - Altera Corporation HC1S80 Datasheet HTML 7Page - Altera Corporation HC1S80 Datasheet HTML 8Page - Altera Corporation HC1S80 Datasheet HTML 9Page - Altera Corporation HC1S80 Datasheet HTML 10Page - Altera Corporation HC1S80 Datasheet HTML 11Page - Altera Corporation HC1S80 Datasheet HTML 12Page - Altera Corporation HC1S80 Datasheet HTML 13Page - Altera Corporation HC1S80 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
10
Package Information Datasheet for Mature Altera Devices
Device and Package Cross Reference
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
MAX 3000A Devices
Table 8 lists the device name, package type, and number of pins for the MAX 3000A
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
EPM7256AE
TQFP, Wire Bond
100
FBGA, Wire Bond, Option 1
100
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
EPM7512AE
TQFP, Wire Bond
144
PQFP, Wire Bond
208
BGA, Wire Bond, Option 1
256
FBGA, Wire Bond, Option 1
256
EPM7032A
PLCC, Wire Bond
44
TQFP, Wire Bond
44
EPM7128A
PLCC, Wire Bond
84
TQFP, Wire Bond
100
FBGA, Wire Bond
100
TQFP, Wire Bond
144
FBGA, Wire Bond, Option 1
256
EPM7256A
TQFP, Wire Bond
100
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
EPM7192E
PGA, Wire Bond
160
PQFP, Wire Bond
160
Table 8. MAX 7000 Devices (Part 2 of 2)
Device
Package
Pins
Table 9. MAX 3000A Devices (Part 1 of 2)
Device
Package
Pins
EPM3032A
PLCC, Wire Bond
44
TQFP, Wire Bond
44
EPM3064A
TQFP, Wire Bond
44
PLCC, Wire Bond
44
TQFP, Wire Bond
100
EPM3128A
TQFP, Wire Bond
100


Similar Part No. - HC1S80

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC1S80 ALTERA-HC1S80 Datasheet
1Mb / 110P
   HardCopy Stratix Device Family
More results

Similar Description - HC1S80

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1S10F780C6 ALTERA-EP1S10F780C6 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
   Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Agilent(Hewlett-Packard...
N5434A HP-N5434A Datasheet
895Kb / 8P
   FPGA Dynamic Probe for Altera
logo
Altera Corporation
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com